Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS8DN6LF6AG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STS8DN6LF6AG
Description  Automotive-grade dual N-channel 60 V, 21 m typ., 8 A STripFET F6 Power MOSFET in a SO-8 package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS8DN6LF6AG Datasheet(HTML) 2 Page - STMicroelectronics

  STS8DN6LF6AG Datasheet HTML 1Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 2Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 3Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 4Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 5Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 6Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 7Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 8Page - STMicroelectronics STS8DN6LF6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
60
V
VGS
Gate-source voltage
±20
V
ID(1)
Drain current (continuous) at Tamb = 25 °C
8
A
Drain current (continuous) at Tamb = 100 °C
5.8
IDM(2)
Drain current (pulsed)
32
A
PTOT
Total power dissipation at Tamb = 25 °C (one channel active)
3.2
W
Tstg
Storage temperature range
-55 to 175
°C
TJ
Operating junction temperature range
°C
1. When mounted on a 1-inch² FR-4, 2 Oz copper board, t < 10 s.
2. Pulse width is limited by safe operating area
.
Table 2. Thermal data
Symbol
Parameter
Value
Unit
RthJA(1)
Thermal resistance, junction-to-ambient
47
°C/W
1. When mounted on a 1-inch² FR-4, 2 Oz copper board, t < 10 s.
Table 3. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAV
Avalanche current, not repetitive
6
A
EAS(1)
Single pulse avalanche energy
72
mJ
1.
Starting TJ = 25 °C, ID = IAV, VDD = 43.5 V.
STS8DN6LF6AG
Electrical ratings
DS11953 - Rev 2
page 2/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com