Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH1R06AF Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1R06AF
Description  600 V, 1 A, turbo 2 ultrafast rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R06AF Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1R06AF Datasheet HTML 1Page - STMicroelectronics STTH1R06AF Datasheet HTML 2Page - STMicroelectronics STTH1R06AF Datasheet HTML 3Page - STMicroelectronics STTH1R06AF Datasheet HTML 4Page - STMicroelectronics STTH1R06AF Datasheet HTML 5Page - STMicroelectronics STTH1R06AF Datasheet HTML 6Page - STMicroelectronics STTH1R06AF Datasheet HTML 7Page - STMicroelectronics STTH1R06AF Datasheet HTML 8Page - STMicroelectronics STTH1R06AF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
•
Ultrafast recovery
•
Low power losses
•
High surge capability
•
Low leakage current
•
High junction temperature
•
ECOPACK2 compliant component
Applications
•
Clamping function
•
Boost diode
•
PFC
Description
The STTH1R06AF is an ultrafast recovery power rectifier housed in SOD128Flat to
improve space saving.
It is especially designed for clamping function in energy recovery block or boost diode
in power correction circuitry.
The compromise between forward voltage drop and recovery time offers optimized
performance.
SOD128Flat
A
K
Product status
STTH1R06AF
Product summary
IF(AV)
1 A
VRRM
600 V
trr
30 ns
Tj
175 °C
VF(typ.)
1.08 V
600 V, 1 A, turbo 2 ultrafast rectifier
STTH1R06AF
Datasheet
DS12471 - Rev 3 - April 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH1R06AF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1R06AFY STMICROELECTRONICS-STTH1R06AFY Datasheet
215Kb / 10P
Automotive 600 V, 1 A, turbo 2 ultrafast rectifier
December 2018 Rev 2
More results

Similar Description - STTH1R06AF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
STTH1R06AFY STMICROELECTRONICS-STTH1R06AFY Datasheet
215Kb / 10P
Automotive 600 V, 1 A, turbo 2 ultrafast rectifier
December 2018 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com