Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH1R06AF Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH1R06AF
Description  600 V, 1 A, turbo 2 ultrafast rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R06AF Datasheet(HTML) 3 Page - STMicroelectronics

  STTH1R06AF Datasheet HTML 1Page - STMicroelectronics STTH1R06AF Datasheet HTML 2Page - STMicroelectronics STTH1R06AF Datasheet HTML 3Page - STMicroelectronics STTH1R06AF Datasheet HTML 4Page - STMicroelectronics STTH1R06AF Datasheet HTML 5Page - STMicroelectronics STTH1R06AF Datasheet HTML 6Page - STMicroelectronics STTH1R06AF Datasheet HTML 7Page - STMicroelectronics STTH1R06AF Datasheet HTML 8Page - STMicroelectronics STTH1R06AF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1.1
Characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current
0.0
0.4
0.8
1.2
1.6
2.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
IF(AV)(A)
PF(AV)(W)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
Figure 2. Forward voltage drop versus forward current
(typical values)
0.01
0.10
1.00
10.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
VF(V)
IF(A)
Tj = 150 °C
Tj = 25 °C
Figure 3. Forward voltage drop versus forward current
(maximum values)
0.01
0.10
1.00
10.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VF(V)
IF(A)
Tj = 150 °C
Tj = 25 °C
Figure 4. Relative variation of thermal impedance junction
to lead versus pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
tP(s)
Zth(j-l) /Rth(j-l)
Single pulse
Figure 5. Peak reverse recovery current versus dlF/dt
(typical values)
0
1
2
3
4
5
6
7
8
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
IRM(A)
VR = 400 V
Tj = 125 °C
IF = 2 x IF(AV)
IF = 0.5 x IF(AV)
IF = IF(AV)
IF = 0.25 x IF(AV)
Figure 6. Reverse recovery time versus dlF/dt (typical
values)
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
tRR(ns)
VR = 400 V
Tj = 125 °C
IF = 2 x IF(AV)
IF = IF(AV)
IF = 0.5 x IF(AV)
STTH1R06AF
Characteristics (curves)
DS12471 - Rev 3
page 3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com