Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH1R06AF Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH1R06AF
Description  600 V, 1 A, turbo 2 ultrafast rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1R06AF Datasheet(HTML) 4 Page - STMicroelectronics

  STTH1R06AF Datasheet HTML 1Page - STMicroelectronics STTH1R06AF Datasheet HTML 2Page - STMicroelectronics STTH1R06AF Datasheet HTML 3Page - STMicroelectronics STTH1R06AF Datasheet HTML 4Page - STMicroelectronics STTH1R06AF Datasheet HTML 5Page - STMicroelectronics STTH1R06AF Datasheet HTML 6Page - STMicroelectronics STTH1R06AF Datasheet HTML 7Page - STMicroelectronics STTH1R06AF Datasheet HTML 8Page - STMicroelectronics STTH1R06AF Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Figure 7. Reverse recovery charges versus dIF/dt (typical
values)
0
25
50
75
100
125
150
175
200
225
250
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
QRR(nC)
VR = 400 V
Tj = 125 °C
IF = 2 x IF(AV)
IF = IF(AV)
IF = 0.5 x IF(AV)
Figure 8. Softness factor versus dIF/dt (typical values)
0
1
2
3
4
5
6
7
8
0
50
100
150
200
250
300
350
400
450
500
dIF/dt(A/µs)
S factor
IF = IF(AV)
VR = 400 V
Tj = 125 °C
Figure 9. Relative variations of dynamic parameters
versus junction temperature
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
25
50
75
100
125
Tj(°C)
IRM
QRR
S factor
IF = IF(AV)
VR = 400 V
Reference: Tj = 125°C
Figure 10. Junction capacitance versus reverse voltage
applied (typical values)
1
10
100
1
10
100
1000
VR(V)
C(pF)
F = 1 MHz
VOSC = 30 mVRMS
Tj = 25 °C
Figure 11. Thermal resistance junction to ambient versus copper surface under each lead (typical values,
epoxy printed board FR4, eCu = 35 µm)
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SCu(cm²)
Rth(j-a) (°C/W)
SOD128-Flat
STTH1R06AF
Characteristics (curves)
DS12471 - Rev 3
page 4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com