Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR2003FV Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AR2003FV
Description  ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AR2003FV Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AR2003FV Datasheet HTML 3Page - Diodes Incorporated AR2003FV Datasheet HTML 4Page - Diodes Incorporated AR2003FV Datasheet HTML 5Page - Diodes Incorporated AR2003FV Datasheet HTML 6Page - Diodes Incorporated AR2003FV Datasheet HTML 7Page - Diodes Incorporated AR2003FV Datasheet HTML 8Page - Diodes Incorporated AR2003FV Datasheet HTML 9Page - Diodes Incorporated AR2003FV Datasheet HTML 10Page - Diodes Incorporated AR2003FV Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AR2003FV
7 of 15
December 2014
Document number: DS37473 Rev. 3 - 2
www.diodes.com
© Diodes Incorporated
AR2003FV
Electrical Characteristics (@TA = +25°C, unless otherwise specified.) (Cont.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Over Voltage Protection
VOVP0H
Output Over Voltage High Threshold when
OVS = 0
–
–
6
–
V
VOVP0L
Output Over Voltage Low Threshold when
OVS = 0
–
–
5.4
–
V
Synchronization
VTHSYNC
SYNC Falling Threshold
Gate Output from High to Low
VAVDD-2.4
VAVDD-2.0
VAVDD-1.6
V
TSDLY
SYNC Propagation Delay (Note 8)
SYNC falling to Gate Falling
10%, 4.5V < VCC < 5.5V
–
40
70
ns
RSYNC
SYNC Pull Up Resistance (Note 8)
Internal Resistance from SYNC
to VCC, 4.5V < VCC < 5.5V
1.6
2.0
2.4
K
Ω
Gate Driver
RGUP
Gate Pull up Resistance Enabled
Igate=-100mA
–
2.3
4
Ω
RGDN
Gate Pull Down Resistance Enabled
Igate=100mA
–
1.1
2
VOHG
Gate Output High Voltage
Igate=-100mA, VCC=5V
4.7
--
–
V
Igate=100mA, VCC>10V
9.5
--
–
VOLG
Gate Output Low Voltage
Igate=100mA, VCC=0V
–
--
0.3
Tfgate
Gate Fall Time
4V to 1V, Cgate = 3300pf
–
14
30
ns
10V to 1V, Cgate=3300pf
–
20
35
Trgate
Gate Rise Time
1V to 4V, Cgate = 3300pf
–
16
35
1V to 10V, Cgate = 3300pf
–
25
40
TDIS
Disable Delay (note 8)
EN falling to Gate falling
–
160
200
Exception Handling
Tover
Over Temperature
–
–
+150
–
°C
Trecover
Temperature to Recover from Over
Temperature Exception
–
–
+125
–
°C
Tdgate
Delay of Turn On Pull Down MOSFET
Cdgate=400pf
–
1.5
–
uS
Note 8: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com