Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR2003FV Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AR2003FV
Description  ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AR2003FV Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AR2003FV Datasheet HTML 4Page - Diodes Incorporated AR2003FV Datasheet HTML 5Page - Diodes Incorporated AR2003FV Datasheet HTML 6Page - Diodes Incorporated AR2003FV Datasheet HTML 7Page - Diodes Incorporated AR2003FV Datasheet HTML 8Page - Diodes Incorporated AR2003FV Datasheet HTML 9Page - Diodes Incorporated AR2003FV Datasheet HTML 10Page - Diodes Incorporated AR2003FV Datasheet HTML 11Page - Diodes Incorporated AR2003FV Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AR2003FV
8 of 15
December 2014
Document number: DS37473 Rev. 3 - 2
www.diodes.com
© Diodes Incorporated
AR2003FV
Typical Performance Characteristics
2.6
2.7
2.8
2.9
3
3.1
3.2
-50
-25
0
25
50
75
100
125
150
TJ - Temperature - °C
Figure 1.
THRESHOLD VOLTAGE
vs
TEMPERATURE
VCCON
VCCOFF
0
500
1000
1500
2000
2500
-50
-25
0
25
50
75
100
125
150
TJ - Temperature - °C
Figure 2.
BIAS SUPPLY CURRENT
vs
TEMPERATURE
VCC = 5 V, No Gate Switching
0
4
8
12
16
20
0
100
200
300
400
500
600
700
fsw - Switching Frequency - KHz
Figure 3.
SUPPLY CURRENT
vs
SWITCHING FREQUENCY
CGATE = 3.3nF
CGATE = 0nF
-10.7
-10.5
-10.3
-10.1
-9.9
-9.7
-9.5
-9.3
-50
-25
0
25
50
75
100
125
150
TJ - Temperature - °C
Figure 4.
ENABLE CURRENT
vs
TEMPERATURE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com