Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR2003FV Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AR2003FV
Description  ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AR2003FV Datasheet(HTML) 1 Page - Diodes Incorporated

  AR2003FV Datasheet HTML 1Page - Diodes Incorporated AR2003FV Datasheet HTML 2Page - Diodes Incorporated AR2003FV Datasheet HTML 3Page - Diodes Incorporated AR2003FV Datasheet HTML 4Page - Diodes Incorporated AR2003FV Datasheet HTML 5Page - Diodes Incorporated AR2003FV Datasheet HTML 6Page - Diodes Incorporated AR2003FV Datasheet HTML 7Page - Diodes Incorporated AR2003FV Datasheet HTML 8Page - Diodes Incorporated AR2003FV Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AR2003FV
1 of 15
December 2014
Document number: DS37473 Rev. 3 - 2
www.diodes.com
© Diodes Incorporated
AR2003FV
ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
Description
The
AR2003FV
is
Active/Synchronous
Rectification
Controller,
providing output voltage from 4.5V to 21V. Using internal drain-to-
source voltage sensing, the AR2003FV is ideal for Fly-back, LLC-
resonant and other power supply architectures. It has SFB pin that
can eliminate the external feedback resistor when target output
voltage is 5V or 12V.
The small footprint of the AR2003FV makes it ideal for space
constrained applications.
Intelligent features of this IC are the Minimum Off Time (TOFF) and
Minimum on Time (TON), these features blank the noise generated
during the turn on and turn off instances of the power FET. Light load
detection for improved efficiency at light and no load is implemented.
Other features include Under Voltage Lock Out (UVLO), SYNC
feature for CCM operation and low turn off threshold voltage for
improved efficiency.
Features
Primary-Side
or
Secondary-side
Active/Synchronous
Rectification, Optimized for Systems with Dynamic Voltage
Scaling Capabilities
Frequency of Operation up to 600kHz
Suitable for Discontinuous (DCM), Continuous (CCM) and
Critical (CrCM) Conduction Mode
Minimum
On-time
and
Off-time
to
Blanking
Turn-on/off
Oscillations
Light Load Detection and Sleep Mode
Drain Voltage Rating of 200V
Recommended Operating Voltage from 4.5V up to 21V
Low Component Count.
Low Under Voltage Lockout
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and
Antimony Free. “Green” Device (Note 3)
Pin Assignments
(Top View)
3
4
5
6
7
14
13
12
11
10
1
2
9
8
VD
AGND
TON
NC
TOFF/EN
SFB
OVS
NC
VS
VD
VCC
GND
DGATE
SYNC
GATE
V-DFN3535-14
Applications
USB PD Adaptor
AC-DC Battery Charger
Fly-back Conversion
PC Power Supply
SMPS
Power Adaptors
Auxiliary Power Supplies
PoE Power Devices
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - AR2003FV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AR2003FV DIODES-AR2003FV_15 Datasheet
733Kb / 15P
ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 3
More results

Similar Description - AR2003FV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6204 FAIRCHILD-FAN6204 Datasheet
814Kb / 14P
Synchronous Rectification Controller
logo
Diodes Incorporated
AR2003FV DIODES-AR2003FV_15 Datasheet
733Kb / 15P
ACTIVE/SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 3
logo
International Rectifier
IR1161LPBF IRF-IR1161LPBF_15 Datasheet
991Kb / 25P
Secondary side synchronous rectification controller
logo
Diodes Incorporated
APR343 DIODES-APR343 Datasheet
473Kb / 12P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 4
logo
ON Semiconductor
FAN6204A ONSEMI-FAN6204A Datasheet
1Mb / 16P
Synchronous Rectification Controller
March 2017 Rev. 1.1
FAN6224 ONSEMI-FAN6224 Datasheet
1Mb / 20P
Synchronous Rectification Controller
September 2015 Rev. 1.4
FAN6230A ONSEMI-FAN6230A Datasheet
1Mb / 29P
Secondary-Side Synchronous Rectification Controller
May 2015 Rev. 1.1
logo
Diodes Incorporated
APR345 DIODES-APR345 Datasheet
429Kb / 11P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev 5
APR340 DIODES-APR340 Datasheet
578Kb / 9P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 3 - 2 May 2021
APR349 DIODES-APR349 Datasheet
531Kb / 10P
SECONDARY SIDE SYNCHRONOUS RECTIFICATION CONTROLLER
Rev. 2 - 2 July 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com