Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPQ3H60T-HLS Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGIPQ3H60T-HLS
Description  SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPQ3H60T-HLS Datasheet(HTML) 5 Page - STMicroelectronics

  STGIPQ3H60T-HLS Datasheet HTML 1Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 2Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 3Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 4Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 5Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 6Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 7Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 8Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
2
Electrical ratings
TJ = 25 °C unless otherwise specified
2.1
Absolute maximum ratings
Table 2. Inverter part
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage for each IGBT (VIN(1) = 0)
600
V
IC
Continuous collector current for each IGBT (TC = 25 °C)
3
A
ICP(2)
Peak collector current for each IGBT (less than 1 ms)
6
A
PTOT
Total power dissipation for each IGBT (TC = 25 °C)
12
W
1. Applied among HINx, LINx and GND for x = U, V, W
2. Pulse width limited by maximum junction temperature.
Table 3. Control part
Symbol
Parameter
Min.
Max.
Unit
VCC
Low voltage power supply
-0.3
21
V
Vboot
Bootstrap voltage
-0.3
620
V
VOUT
Output voltage applied among OUTU,
OUTV, OUTW - GND
Vboot - 21
Vboot + 0.3
V
VCIN
Comparator input voltage
-0.3
VCC + 0.3
V
Vop+
Op-amp non-inverting input
-0.3
VCC + 0.3
V
Vop-
Op-amp inverting input
-0.3
VCC + 0.3
V
VIN
Logic input voltage applied among HINx,
LINx and GND
-0.3
15
V
VT/SD/OD
Open-drain voltage
-0.3
15
V
dVout/dt
Allowed output slew rate
50
V/ns
Table 4. Total system
Symbol
Parameter
Value
Unit
VISO
Isolation withstand voltage applied to each pin and heat sink plate
(AC voltage, t = 60 s)
1500
Vrms
TJ
Power chip operating junction temperature
-40 to 150
°C
TC
Operating case temperature range
-40 to 125
°C
STGIPQ3H60T-HLS, STGIPQ3H60T-HZS
Electrical ratings
DS11141 - Rev 5
page 5/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com