Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPQ3H60T-HLS Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGIPQ3H60T-HLS
Description  SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPQ3H60T-HLS Datasheet(HTML) 1 Page - STMicroelectronics

  STGIPQ3H60T-HLS Datasheet HTML 1Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 2Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 3Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 4Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 5Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 6Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 7Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 8Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
N2DIP-26L type L
no stand-off
N2DIP-26L type Z
no stand-off
Features
•
IPM 3 A, 600 V, 3-phase IGBT inverter bridge including 3 control ICs for gate
driving and freewheeling diodes
•
3.3 V, 5 V, 15 V TTL/CMOS input comparators with hysteresis and pull-down/
pull-up resistors
•
Internal bootstrap diode
•
Optimized for low electromagnetic interference
•
Undervoltage lockout
•
VCE(SAT) negative temperature coefficient
•
Shutdown function
•
Interlocking function
•
Op-amp for advanced current sensing
•
Comparator for fault protection against overcurrent
•
NTC (UL 1434 CA 2 and 4)
•
Isolation ratings of 1500 Vrms/min.
•
Up to ±2 kV ESD protection (HBM C = 100 pF, R = 1.5 kΩ)
•
UL recognition: UL 1557, file E81734
Applications
•
3-phase induction motor (ACIM)
•
Dishwasher
•
Fans
•
Kitchen hoods
•
PMSM / BLDC motor control
•
Refrigerators and freezers
Description
This second series of SLLIMM (small low-loss intelligent molded module) nano
provides a compact, high-performance AC motor drive in a simple, rugged design.
It is composed of six improved short-circuit rugged trench gate fieldstop IGBTs with
freewheeling diodes and three half-bridge HVICs for gate driving, providing low
electromagnetic interference (EMI) characteristics with optimized switching speed.
The package is designed to allow a better and more easily screwed-on heat sink, and
is optimized for thermal performance and compactness in built-in motor applications
or other low power applications where assembly space is limited. This IPM includes a
completely uncommitted operational amplifier and a comparator that can be used to
design a fast and efficient protection circuit.
Product status link
STGIPQ3H60T-HLS
STGIPQ3H60T-HZS
Product summary
Order code: STGIPQ3H60T-HLS
Marking
GIPQ3H60T-HLS
Package
N2DIP-26L type L no
stand-off
Packing
Tube
Order code: STGIPQ3H60T-HZS
Marking
GIPQ3H60T-HZS
Package
N2DIP-26L type Z no
stand-off
Packing
Tube
SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
STGIPQ3H60T-HLS, STGIPQ3H60T-HZS
Datasheet
DS11141 - Rev 5 - September 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STGIPQ3H60T-HLS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPQ3H60T-HL STMICROELECTRONICS-STGIPQ3H60T-HL Datasheet
1Mb / 26P
SLLIMM™ nano - 2 nd series IPM, 3 A, 600 V, 3-phase IGBT inverter bridge
21-Mar-2017
More results

Similar Description - STGIPQ3H60T-HLS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPQ3H60T-HL STMICROELECTRONICS-STGIPQ3H60T-HL Datasheet
1Mb / 26P
SLLIMM™ nano - 2 nd series IPM, 3 A, 600 V, 3-phase IGBT inverter bridge
21-Mar-2017
STGIPQ4C60T-HZ STMICROELECTRONICS-STGIPQ4C60T-HZ Datasheet
1Mb / 24P
SLLIMM nano - 2nd series IPM, 3-phase inverter, 6 A, 600 V short?멵ircuit rugged IGBT
Rev 2 - January 2021
STGIB20M60TS-L STMICROELECTRONICS-STGIB20M60TS-L Datasheet
731Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
21-Sep-2021
STGIF5CH60TS-LZ STMICROELECTRONICS-STGIF5CH60TS-LZ Datasheet
932Kb / 24P
SLLIMM - 2nd series IPM, 3-phase inverter, 8 A, 600 V, short‑circuit rugged IGBT
16-Feb-2022
STGIPNS3H60T-H STMICROELECTRONICS-STGIPNS3H60T-H Datasheet
1Mb / 23P
SLLIMM-nano IPM, 3 A, 600 V, 3-phase inverter IGBT
15-Oct-2019
STGIPQ4C60T-HL STMICROELECTRONICS-STGIPQ4C60T-HL Datasheet
1Mb / 23P
SLLIMM nano - 2nd series IPM, 3-phase inverter, 6 A, 600 V short‑circuit rugged IGBT
06-Oct-2022
STGIB20M60S-XZ STMICROELECTRONICS-STGIB20M60S-XZ Datasheet
632Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
21-Sep-2021
STGIB30M60S-XZ STMICROELECTRONICS-STGIB30M60S-XZ Datasheet
631Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 35 A, 600 V short-circuit rugged IGBT
21-Sep-2021
STGIB8CH60S-LZ STMICROELECTRONICS-STGIB8CH60S-LZ Datasheet
626Kb / 23P
SLLIMM - 2nd series IPM, 3-phase inverter, 12 A, 600 V short-circuit rugged IGBT
23-Sep-2021
STGIPN3HD60-H STMICROELECTRONICS-STGIPN3HD60-H Datasheet
1Mb / 21P
SLLIMM-nano IPM, 3 A, 600 V 3-phase inverter bridge IGBT
07-Jan-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com