Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STGIPQ3H60T-HLS Datasheet(PDF) 17 Page - STMicroelectronics

Part # STGIPQ3H60T-HLS
Description  SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPQ3H60T-HLS Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STGIPQ3H60T-HLS Datasheet HTML 13Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 14Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 15Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 16Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 17Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 18Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 19Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 20Page - STMicroelectronics STGIPQ3H60T-HLS Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
6
Electrical characteristics (curves)
Figure 13. Output characteristics
GADG291020181423OCH
5
4
3
2
1
0
0
0.4 0.8 1.2 1.6 2.0 2.4 2.8
IC
(A)
VCE (V)
VCC = 15 V
Figure 14. Vce(sat) vs collector current
GADG071120181035VCEC
3.0
2.5
2.0
1.5
1.0
0.5
0
1
2
3
4
5
VCE
(V)
IC (A)
TJ = 25 °C
VCC = 15 V
TJ = 150 °C
Figure 15. IC vs case temperature
GADG291020181425CCT
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0
25
50
75
100
125
IC
(A)
TC (°C)
VCC ≥ 15 V, TJ ≤ 150 °C
Figure 16. Diode VF vs forward current
GADG291020181424DVF
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0
1
2
3
4
5
VF
(V)
IF (A)
TJ = 25 °C
TJ = 150 °C
VCC = 15 V
Figure 17. Eon switching energy vs collector current
GADG291020181425SNC
0.20
0.15
0.10
0.05
0.00
0
1
2
3
4
5
IC (A)
VDD = 300 V, VCC = Vboot = 15 V
TJ = 150 °C
TJ = 25 °C
EON
(mJ)
Figure 18. Eoff switching energy vs collector current
GADG291020181426SFC
0.20
0.15
0.10
0.05
0.00
0
1
2
3
4
5
EOFF
(mJ)
IC (A)
VDD = 300 V, VCC = Vboot = 15 V
TJ = 150 °C
TJ = 25 °C
STGIPQ3H60T-HLS, STGIPQ3H60T-HZS
Electrical characteristics (curves)
DS11141 - Rev 5
page 17/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com