Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP22N60M6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP22N60M6
Description  N-channel 600 V, 196 m typ., 15 A, MDmesh™ M6 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP22N60M6 Datasheet(HTML) 1 Page - STMicroelectronics

  STP22N60M6 Datasheet HTML 1Page - STMicroelectronics STP22N60M6 Datasheet HTML 2Page - STMicroelectronics STP22N60M6 Datasheet HTML 3Page - STMicroelectronics STP22N60M6 Datasheet HTML 4Page - STMicroelectronics STP22N60M6 Datasheet HTML 5Page - STMicroelectronics STP22N60M6 Datasheet HTML 6Page - STMicroelectronics STP22N60M6 Datasheet HTML 7Page - STMicroelectronics STP22N60M6 Datasheet HTML 8Page - STMicroelectronics STP22N60M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
2
3
TO-220
TAB
D(2, TAB)
G(1)
S(3)
AM01475V1
Features
Order code
VDS
RDS(on) max.
ID
STP22N60M6
600 V
230 mΩ
15 A
•
Reduced switching losses
•
Lower RDS(on) per area vs previous generation
•
Low gate input resistance
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
•
LLC converters
•
Boost PFC converters
Description
The new MDmesh™ M6 technology incorporates the most recent advancements to
the well-known and consolidated MDmesh family of SJ MOSFETs.
STMicroelectronics builds on the previous generation of MDmesh devices through its
new M6 technology, which combines excellent RDS(on) per area improvement with
one of the most effective switching behaviors available, as well as a user-friendly
experience for maximum end-application efficiency.
Product status link
STP22N60M6
Product summary
Order code
STP22N60M6
Marking
22N60M6
Package
TO-220
Packing
Tube
N-channel 600 V, 196 mΩ typ., 15 A, MDmesh™ M6 Power MOSFET
in a TO-220 package
STP22N60M6
Datasheet
DS12818 - Rev 1 - November 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STP22N60M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP22NE03 STMICROELECTRONICS-STP22NE03 Datasheet
75Kb / 5P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Jan-1998
STP22NE03L STMICROELECTRONICS-STP22NE03L Datasheet
75Kb / 5P
N - CHANNEL ENHANCEMENT MODE SINGLE FEATURE SIZE POWER MOSFET
Jan-1998
logo
Inchange Semiconductor ...
STP22NE03L ISC-STP22NE03L Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP22NE10L STMICROELECTRONICS-STP22NE10L Datasheet
83Kb / 8P
N - CHANNEL 100V - 0.07 ohm - 22A TO-220 STripFET POWER MOSFET
Nov-1999
logo
Inchange Semiconductor ...
STP22NE10L ISC-STP22NE10L Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP22N60M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STO67N60M6 STMICROELECTRONICS-STO67N60M6 Datasheet
1Mb / 15P
N-channel 600 V, 48 m typ., 34 A MDmesh M6 Power MOSFET in a TO‑LL package
29-Apr-2021
STP24N60M6 STMICROELECTRONICS-STP24N60M6 Datasheet
268Kb / 13P
N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in a TO-220 package
01-Aug-2018
STP33N60M6 STMICROELECTRONICS-STP33N60M6 Datasheet
256Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220 package
July 2018 Rev 2
STP46N60M6 STMICROELECTRONICS-STP46N60M6 Datasheet
461Kb / 13P
N-channel 600 V, 68 m typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220 package
22-Nov-2019
STD13N60M6 STMICROELECTRONICS-STD13N60M6 Datasheet
526Kb / 16P
N-channel 600 V, 320 m typ., 10 A, MDmesh M6 Power MOSFET in a DPAK package
17-Oct-2019
STD18N60M6 STMICROELECTRONICS-STD18N60M6 Datasheet
534Kb / 16P
N-channel 600 V, 230 m typ., 13 A, MDmesh M6 Power MOSFET in a DPAK package
19-Apr-2019
STF22N60M6 STMICROELECTRONICS-STF22N60M6 Datasheet
453Kb / 13P
N-channel 600 V, 196 m typ., 15 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
November 2018 Rev 1
STF33N60M6 STMICROELECTRONICS-STF33N60M6 Datasheet
255Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
18-Jul-2018
STO24N60M6 STMICROELECTRONICS-STO24N60M6 Datasheet
1Mb / 15P
N-channel 600 V, 162 m typ., 17 A, MDmesh M6 Power MOSFET in a TO‑LL package
20-May-2021
STB22N60M6 STMICROELECTRONICS-STB22N60M6 Datasheet
631Kb / 16P
N-channel 600 V, 196 mΩ typ., 15 A, MDmesh™ M6 Power MOSFET in a D2PAK package
16-Nov-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com