Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP46N60M6 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STP46N60M6
Description  N-channel 600 V, 68 m typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP46N60M6 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STP46N60M6 Datasheet HTML 4Page - STMicroelectronics STP46N60M6 Datasheet HTML 5Page - STMicroelectronics STP46N60M6 Datasheet HTML 6Page - STMicroelectronics STP46N60M6 Datasheet HTML 7Page - STMicroelectronics STP46N60M6 Datasheet HTML 8Page - STMicroelectronics STP46N60M6 Datasheet HTML 9Page - STMicroelectronics STP46N60M6 Datasheet HTML 10Page - STMicroelectronics STP46N60M6 Datasheet HTML 11Page - STMicroelectronics STP46N60M6 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
STP46N60M6
Package information
DS12394 - Rev 3
page 8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com