Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP46N60M6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP46N60M6
Description  N-channel 600 V, 68 m typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP46N60M6 Datasheet(HTML) 1 Page - STMicroelectronics

  STP46N60M6 Datasheet HTML 1Page - STMicroelectronics STP46N60M6 Datasheet HTML 2Page - STMicroelectronics STP46N60M6 Datasheet HTML 3Page - STMicroelectronics STP46N60M6 Datasheet HTML 4Page - STMicroelectronics STP46N60M6 Datasheet HTML 5Page - STMicroelectronics STP46N60M6 Datasheet HTML 6Page - STMicroelectronics STP46N60M6 Datasheet HTML 7Page - STMicroelectronics STP46N60M6 Datasheet HTML 8Page - STMicroelectronics STP46N60M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
2
3
TO-220
TAB
D(2, TAB)
G(1)
S(3)
AM01475V1
Features
Order code
VDS
RDS(on) max.
ID
STP46N60M6
600 V
80 mΩ
36 A
•
Reduced switching losses
•
Lower RDS(on) per area vs previous generation
•
Low gate input resistance
•
100% avalanche tested
•
Zener-protected
Applications
•
Switching applications
•
LLC converters
•
Boost PFC converters
Description
The new MDmesh M6 technology incorporates the most recent advancements to the
well-known and consolidated MDmesh family of SJ MOSFETs. STMicroelectronics
builds on the previous generation of MDmesh devices through its new M6
technology, which combines excellent RDS(on) per area improvement with one of the
most effective switching behaviors available, as well as a user-friendly experience for
maximum end-application efficiency.
Product status link
STP46N60M6
Product summary
Order code
STP46N60M6
Marking
46N60M6
Package
TO-220
Packing
Tube
N-channel 600 V, 68 mΩ typ., 36 A, MDmesh M6
Power MOSFET in a TO
‑220 package
STP46N60M6
Datasheet
DS12394 - Rev 3 - November 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STP46N60M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP46NF30 STMICROELECTRONICS-STP46NF30 Datasheet
1Mb / 19P
N-channel 300 V, 0.063 廓 typ, 42 A, STripFET??II Power MOSFET in D2PAK, TO-220 and TO-247 packages
28-Sep-2012
logo
Inchange Semiconductor ...
STP46NF30 ISC-STP46NF30 Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP46N60M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STO47N60M6 STMICROELECTRONICS-STO47N60M6 Datasheet
1Mb / 15P
N-channel 600 V, 70 mΩ typ., 36 A, MDmesh M6 Power MOSFET in a TO?멛L package
May 2021
STO36N60M6 STMICROELECTRONICS-STO36N60M6 Datasheet
1Mb / 15P
N-channel 600 V, 85 mΩ typ., 30 A, MDmesh M6 Power MOSFET in a TO?멛L package
May 2021
STO67N60M6 STMICROELECTRONICS-STO67N60M6 Datasheet
1Mb / 15P
N-channel 600 V, 48 m typ., 34 A MDmesh M6 Power MOSFET in a TO‑LL package
29-Apr-2021
STP22N60M6 STMICROELECTRONICS-STP22N60M6 Datasheet
452Kb / 13P
N-channel 600 V, 196 m typ., 15 A, MDmesh™ M6 Power MOSFET in a TO-220 package
November 2018 Rev 1
STP24N60M6 STMICROELECTRONICS-STP24N60M6 Datasheet
268Kb / 13P
N-channel 600 V, 162 m typ., 17 A, MDmesh™ M6 Power MOSFET in a TO-220 package
01-Aug-2018
STP33N60M6 STMICROELECTRONICS-STP33N60M6 Datasheet
256Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220 package
July 2018 Rev 2
STD13N60M6 STMICROELECTRONICS-STD13N60M6 Datasheet
526Kb / 16P
N-channel 600 V, 320 m typ., 10 A, MDmesh M6 Power MOSFET in a DPAK package
17-Oct-2019
STD18N60M6 STMICROELECTRONICS-STD18N60M6 Datasheet
534Kb / 16P
N-channel 600 V, 230 m typ., 13 A, MDmesh M6 Power MOSFET in a DPAK package
19-Apr-2019
STF46N60M6 STMICROELECTRONICS-STF46N60M6 Datasheet
456Kb / 12P
N-channel 600 V, 68 mΩ typ., 36 A, MDmesh M6 Power MOSFET in a TO‑220FP package
20-Nov-2019
STO24N60M6 STMICROELECTRONICS-STO24N60M6 Datasheet
1Mb / 15P
N-channel 600 V, 162 m typ., 17 A, MDmesh M6 Power MOSFET in a TO‑LL package
20-May-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com