Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21S07AS/T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS21S07AS/T
Description  SCSI Terminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS21S07AS/T Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS21S07AS/T Datasheet HTML 1Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 2Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 3Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 4Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 5Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 6Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 7Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS21S087A
3 of 8
Figure 2. Typical Differential SCSI Bus Configuration
NOTE 1: C1 = 4.7
µF TANTALUM CAPACITOR; C2 = 2.2µF TANTALUM OR 4.7µF ALUMINUM CAPACITOR.
NOTE 2: IF THE DS21S07A IS TO BE EMBEDDED INTO A PERIPHERAL THAT WILL ACT AS A TARGET
ON A SCSI BUS, IT IS RECOMMENDED THAT TERMPWR BE DERIVED FROM THE SCSI CABLE, NOT
GENERATED LOCALLY. IN THIS CONFIGURATION, IF A POWER FAILURE OCCURS IN THE
PERIPHERAL, IT WILL NOT AFFECT THE BUS.
NOTE 3: A HIGH-FREQUENCY BYPASS CAPACITOR (0.1
µF RECOMMENDED) CAN BE ADDED IN
PARALLEL TO C1 FOR APPLICATIONS USING FAST RISE/FALL TIME DRIVERS.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com