Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21S07AS/T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS21S07AS/T
Description  SCSI Terminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS21S07AS/T Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS21S07AS/T Datasheet HTML 1Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 2Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 3Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 4Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 5Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 6Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 7Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DS21S087A
4 of 8
Table 1. Pin Description
PIN
TSSOP
SO
NAME
FUNCTION
1
1
TERMPWR1
Termination Power 1. Should be connected to the SCSI
TERMPWR line. Must be decoupled with either a 2.2
µF
capacitor or 4.7
µF capacitor. See Figure 2.
2, 8, 12,
18
—
HS-GND
Heat Sink Ground. Internally connected to the mounting pad.
Should be either grounded or electrically isolated from other
circuitry.
3–7,
13–16
2–6,
10–13
R1–R9
Signal Termination 1–9. 110
Ω termination.
9
7
VREF1
Reference Voltage 1. Must be externally connected directly to
the VREF2 pin. Must be decoupled with a 4.7
µF capacitor as
shown in Figure 2.
10
8
GND
Ground. 0V, signal ground.
11
9
TERMPWR2
Termination Power 2. Should be connected to the SCSI
TERMPWR line. Must be decoupled with either a 2.2
µF
capacitor or 4.7
µF capacitor. See Figure 2.
17
14
NC
No Connection. Do not connect any signal to this pin.
19
15
VREF2
Reference Voltage 2. Must be externally connected directly to
the VREF1 pin. Must be decoupled with a 4.7
µF capacitor as
shown in Figure 2.
20
16
PD
Active-Low Power-Down. When tied low, the DS21S07A
enters a power-down mode. Contains an internal 50k
Ω pullup
resistor. Strap low to deactivate the DS21S07A; leave open
circuited to activate the DS21S07A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com