Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS21S07AS/T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS21S07AS/T
Description  SCSI Terminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS21S07AS/T Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS21S07AS/T Datasheet HTML 1Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 2Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 3Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 4Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 5Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 6Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 7Page - Maxim Integrated Products DS21S07AS/T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DS21S087A
5 of 8
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground……………………………………………..-1.0V to +7.0V
Operating Temperature Range………………………………………………………………..0
°C to +70°C
Storage Temperature Range………………………………………………………………-55
°C to +125°C
Soldering Temperature………………………………………….See IPC/JEDEC J-STD-020 Specification
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect device
reliability.
RECOMMENDED OPERATING CONDITIONS
(TA = 0°C to +70°C)
PARAMETER
SYM
MIN
TYP
MAX
UNITS NOTES
TERMPWR Voltage
VTP
4.00
5.50
V
PD Active
VPDA
-0.3
+0.8
V
PD Inactive
VPDI
2.0
VTP + 0.3
V
DC CHARACTERISTICS
(TA = 0°C to +70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
250
mA
1, 3
TERMPWR Current
ITP
2.5
5
mA
1, 4
Power-Down Current
IPD
100
150
µA
1, 2, 5
Termination Resistance
RTERM
108
110
112
Ω
1, 2
Die Thermal Shutdown
TSD
150
ºC
1, 6
Power-Down Termination
Capacitance
CPD
3.0
5.0
pF
1, 2, 5, 6
Input Leakage High
IIH
-1.0
µA
1, 8
Input Leakage Low
IIL
1.0
µA
1, 7
REGULATOR CHARACTERISTICS
(TA = 0°C to +70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Output Voltage
VREF
2.79
2.85
2.93
V
1, 2
Drop-Out Voltage
VDROP
0.50
0.75
V
3, 6
Line Regulation
LIREG
1.0
2.0
%
1, 4
Load Regulation
LOREG
1.3
3.0
%
1, 3
Current Limit
ILIM
350
mA
1
Sink Current
ISINK
200
mA
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com