Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12010LAST Datasheet(PDF) 5 Page - Texas Instruments

Part # PTH12010LAST
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12010LAST Datasheet(HTML) 5 Page - Texas Instruments

  PTH12010LAST Datasheet HTML 1Page - Texas Instruments PTH12010LAST Datasheet HTML 2Page - Texas Instruments PTH12010LAST Datasheet HTML 3Page - Texas Instruments PTH12010LAST Datasheet HTML 4Page - Texas Instruments PTH12010LAST Datasheet HTML 5Page - Texas Instruments PTH12010LAST Datasheet HTML 6Page - Texas Instruments PTH12010LAST Datasheet HTML 7Page - Texas Instruments PTH12010LAST Datasheet HTML 8Page - Texas Instruments PTH12010LAST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
www.ti.com
PTH12010W, PTH12010L
SLTS205E–JUNE 2003–REVISED APRIL 2006
ELECTRICAL CHARACTERISTICS (continued)
TA =25°C, Vi =12V,VO = 1.8 V, Ci = 560 µF, CO =0 µF, and IO =IOmax (Unless otherwise stated)
PTH12010L
CHARACTERISTICS
CONDITIONS
MIN
TYP
MAX
UNIT
IIL track
Track input current (pin 8)
Pin to GND
–0.13(15)
mA
dVtrack/dt Track slew rate capability
CO≤ CO(max)
1
V/ms
Vi increasing
9.5
10.4
UVLO
Undervoltage lockout
V
Vi decreasing
8.8
9
Inhibit control (pin3)
VIH
Input high voltage
Referenced to GND
VI– 0.5
Open(4)
V
VIL
Input low voltage
–0.2
0.5
IIL
Input low current
Pin to GND
0.24
mA
Ii inh
Input standby current
Inhibit (pin 3) to GND, Track (pin 8) open
10
mA
fs
Switching frequency
Over Vi and Io ranges
200
250
300
kHz
CI
External input capacitance
560(16)
µF
nonceramic
0
330(17)
6,600(18)
Capacitance value
µF
CO
External output capacitance
ceramic
0
300
Equivalent series resistance (nonceramic)
4(19)
mΩ
Per Bellcore TR-332
MTBF
Reliability
6.4
106 Hrs
50% stress, Ta =40°C, ground benign
(15) This control pin has an internal pull-up to the input voltage VI (7.5 V for pin 8). If it is left open-circuit the module operates when input
power is applied. A small, low-leakage (<100 nA) MOSFET or open-drain/collector voltage supervisor IC is recommended for control. Do
not place an external pull-up on this pin. For further information, see the related application section.
(16) A 560 µF electrolytic input capacitor is required for proper operation. The capacitor must be rated for a minimum of 800 mA rms of ripple
current.
(17) An external output capacitor is not required for basic operation. Adding 330 µF of distributed capacitance at the load improves the
transient response.
(18) This is the calculated maximum. The minimum ESR limitation oftens result in a lower value. When controlling the Track pin using a
voltage supervisor, CO(max) is reduced to 3300 µF. See the application notes for further guidance.
(19) This is the typical ESR for all the electrolytic (nonceramic) ouput capacitance. Use 7 mΩ as the minimum when using max-ESR values
to calculate.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com