Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12010LAST Datasheet(PDF) 20 Page - Texas Instruments

Part # PTH12010LAST
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12010LAST Datasheet(HTML) 20 Page - Texas Instruments

Back Button PTH12010LAST Datasheet HTML 16Page - Texas Instruments PTH12010LAST Datasheet HTML 17Page - Texas Instruments PTH12010LAST Datasheet HTML 18Page - Texas Instruments PTH12010LAST Datasheet HTML 19Page - Texas Instruments PTH12010LAST Datasheet HTML 20Page - Texas Instruments PTH12010LAST Datasheet HTML 21Page - Texas Instruments PTH12010LAST Datasheet HTML 22Page - Texas Instruments PTH12010LAST Datasheet HTML 23Page - Texas Instruments PTH12010LAST Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
www.ti.com
C
O
+
C
I
V
I
GND
Margin Down
L
O
A
D
Q2
+V
O
Q1
+
Margin Up
0V
+V
O
R
D
R
U
PT H12010W
(Top View)
1
2
10 98
7
6
5
4
3
GND
RSET
0.1 W, 1%
PREBIAS STARTUP CAPABILITY
CONDITIONS FOR PREBIAS HOLDOFF
PTH12010W, PTH12010L
SLTS205E–JUNE 2003–REVISED APRIL 2006
Table 6. Margin Up/Down Resistor Values
% ADJUST
RU /RD
50 kΩ
4
24.9 kΩ
3
66.5 kΩ
2
150 kΩ
1
397 kΩ
Figure 19. Margin Up/Down Application Schematic
The capability to start up into an output prebias condition is now available to all the 12-V input, PTH series of
power modules. (Note that this is a feature enhancement for the many of the W-suffix products).[1]
A prebias startup condition occurs as a result of an external voltage being present at the output of a power
module prior to its output becoming active. This often occurs in complex digital systems when current from
another power source is backfed through a dual-supply logic component, such as an FPGA or ASIC. Another
path might be via clamp diodes, sometimes used as part of a dual-supply power-up sequencing arrangement. A
prebias can cause problems with power modules that incorporate synchronous rectifiers. This is because under
most operating conditions, such modules can sink as well as source output current. The 12-V input PTH
modules all incorporate synchronous rectifiers, but does not sink current during startup, or whenever the Inhibit
pin is held low. Startup includes an initial delay (approx. 8–15 ms), followed by the rise of the output voltage
under the control of the module’s internal soft-start mechanism; see Figure 20.
In order for the module to allow an output prebias voltage to exist (and not sink current), certain conditions must
be maintained. The module holds off a prebias voltage when theInhibit pin is held low, and whenver the output is
allowed to rise under soft-start control. Power up under soft-start control occurs upon the removal of the ground
signal to the Inhibit pin (with input voltage applied), or when input power is applied with Auto-Track disabled.[2]
To further ensure that the regulator doesn’t sink output current, (even with a ground signal applied to its Inhibit),
the input voltage must always be greater than the applied pre-bias source. This condition must exist throughout
the power-up sequence.[3]
The soft-start period is complete when the output begins rising above the pre-bias voltage. Once it is complete
the module functions as normal, and sinks current if voltage higher than the nominal regulation value is applied
to its output.
Note: If a prebias condition is not present, the soft-start period is complete when the output voltage has risen to
either the set-point voltage, or the voltage applied at the module’s Track control pin, whichever is lowest.
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com