Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH12010LAST Datasheet(PDF) 22 Page - Texas Instruments

Part # PTH12010LAST
Description  12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12010LAST Datasheet(HTML) 22 Page - Texas Instruments

Back Button PTH12010LAST Datasheet HTML 18Page - Texas Instruments PTH12010LAST Datasheet HTML 19Page - Texas Instruments PTH12010LAST Datasheet HTML 20Page - Texas Instruments PTH12010LAST Datasheet HTML 21Page - Texas Instruments PTH12010LAST Datasheet HTML 22Page - Texas Instruments PTH12010LAST Datasheet HTML 23Page - Texas Instruments PTH12010LAST Datasheet HTML 24Page - Texas Instruments PTH12010LAST Datasheet HTML 25Page - Texas Instruments PTH12010LAST Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
www.ti.com
Up
Dn
Sense
V = 12 V
I
ASIC
VC ORE
VC CI O
PTH12010L
1
10
4
5
6
2
3
9
Track
GND
7
Vadj
+
V 1 = 3.3 V
O
V 2 = 1.8 V
O
I2
O
R1
2k
R3
11 k0
R5
10 k0
R4
100 k
R2
130
W
C2
330 F
m
C4
330 F
m
C3
330 F
m
C6
0.68 F
m
C5
0.1 F
m
C1
330 F
m
+
+
PTH12020W
7
10
4
5
6
2
3
9
Track
V
I
V
I
V
O
V
O
GND
Inhibit
Inhibit
1
Adjust
+
TL7702B
V
CC
GND
SENSE
RESIN
REF
CT
RESET
RESET
8
7
2
1
3
5
6
4
+
8
8
Sense
REMOTE SENSE
PTH12010W, PTH12010L
SLTS205E–JUNE 2003–REVISED APRIL 2006
Figure 22. Application Circuit Demonstrating Prebias Startup
Products with this feature incorporate an output voltage sense pin, VO Sense. A remote sense improves the load
regulation performance of the module by allowing it to compensate for any IR voltage drop between its output
and the load. An IR drop is caused by the high output current flowing through the small amount of pin and trace
resistance.
To use this feature simply connect the VO Sense pin to the VO node, close to the load circuit (see data sheet
standard application). If a sense pin is left open-circuit, an internal low-value resistor (15-Ω or less) connected
between the pin and and the output node, ensures the output remains in regulation.
With the sense pin connected, the difference between the voltage measured directly between the VO and GND
pins, and that measured from VO Sense to GND, is the amount of IR drop being compensated by the regulator.
This should be limited to a maximum of 0.3 V.
Note: The remote sense feature is not designed to compensate for the forward drop of non-inear or frequency
dependent components that may be placed in series with the converter output. Examples include OR-ing diodes,
filter inductors, ferrite beads, and fuses. When these components are enclosed by the remote sense connection
they are effectively placed inside the regulation control loop, which can adversely affect the stability of the
regulator.
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com