Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STN6N60M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STN6N60M2
Description  N-channel 600 V, 1.00 typ., 5.5 A MDmesh M2 Power MOSFET in an SOT223-2 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN6N60M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STN6N60M2 Datasheet HTML 1Page - STMicroelectronics STN6N60M2 Datasheet HTML 2Page - STMicroelectronics STN6N60M2 Datasheet HTML 3Page - STMicroelectronics STN6N60M2 Datasheet HTML 4Page - STMicroelectronics STN6N60M2 Datasheet HTML 5Page - STMicroelectronics STN6N60M2 Datasheet HTML 6Page - STMicroelectronics STN6N60M2 Datasheet HTML 7Page - STMicroelectronics STN6N60M2 Datasheet HTML 8Page - STMicroelectronics STN6N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG150220191054SOA
10 0
10 -1
10 -2
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp =1 µs
tp =10 µs
tp =100 µs
tp =1 ms
single pulse
TJ≤150 °C
TC=25 °C
VGS=10 V
Operation in this area
is limited by R DS(on)
Figure 2. Thermal impedance
S
1
Figure 3. Output characteristics
GADG150220191052OCH
7
6
5
4
3
2
1
0
0
2
4
6
8
10 12 14 16
ID
(A)
VDS (V)
VGS =4 V
VGS =5 V
VGS =7, 8, 9, 10 V
VGS =6 V
Figure 4. Transfer characteristics
GADG150220191053TCH
7
6
5
4
3
2
1
0
0
1
2
3
4
5
6
7
ID
(A)
VGS (V)
VDS = 17 V
Figure 5. Normalized VBR(DSS) vs temperature
GADG140220191314BDV
1.10
1.05
1.00
0.95
0.90
0.85
-75
-25
25
75
125
V(BR)DSS
(norm.)
ID = 1 mA
TJ (°C)
Figure 6. Static drain-source on-resistance
GADG140220191313RID
1.08
1.04
1.00
0.96
0.92
0
1
2
3
4
RDS(on)
(Ω)
ID (A)
VGS =10 V
STN6N60M2
Electrical characteristics (curves)
DS12926 - Rev 2
page 5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com