Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWUSB6935 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CYWUSB6935
Description  WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6935 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CYWUSB6935 Datasheet HTML 5Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 6Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 7Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 8Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 9Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 10Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 11Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 12Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
CYWUSB6935
Document #: 38-16008 Rev. *C
Page 9 of 33
Note:
2.
The following Reg 0x04, bits 2:0 values are not valid:
• 001–Not Valid
• 010–Not Valid
• 011–Not Valid
• 111–Not Valid
Addr: 0x04
REG_DATA_RATE
Default: 0x00
7
654
3210
Reserved
Code Width
Data Rate
Sample Rate
Figure 7-3. Data Rate
Bit
Name
Description
7:3
Reserved
These bits are reserved and should be written with zeroes.
2[2]
Code Width
The Code Width bit is used to select between 32 chips/bit and 64 chips/bit PN codes.
1 = 32 chips/bit PN codes
0 = 64 chips/bit PN codes
The number of chips/bit used impacts a number of factors such as data throughput, range and robustness to inter-
ference. By choosing a 32 chips/bit PN-code, the data throughput can be doubled or even quadrupled (when double
data rate is set). A 64 chips/bit PN code offers improved range over its 32 chips/bit counterpart as well as more
robustness to interference. By selecting to use a 32 chips/bit PN code a number of other register bits are impacted
and need to be addressed. These are PN Code Select (Reg 0x03, bit 5), Data Rate (Reg 0x04, bit 1), and Sample
Rate (Reg 0x04, bit 0).
1[2]
Data Rate
The Data Rate bit allows the user to select Double Data Rate mode of operation which delivers a raw data rate of
62.5kbits/sec.
1 = Double Data Rate - 2 bits per PN code (No odd bit transmissions)
0 = Normal Data Rate - 1 bit per PN code
This bit is applicable only when using 32 chips/bit PN codes which can be selected by setting the Code Width bit (Reg
0x04, bit 2=1). When using Double Data Rate, the raw data throughput is 62.5 kbits/sec because every 32 chips/bit
PN code is interpreted as 2 bits of data. When using this mode a single 64 chips/bit PN code is placed in the PN code
register. This 64 chips/bit PN code is then split into two and used by the baseband to offer the Double Data Rate
capability. When using Normal Data Rate, the raw data throughput is 32 kbits/sec. Additionally, Normal Data Rate
enables the user to potentially correlate data using two differing 32 chips/bit PN codes.
0[2]
Sample Rate The Sample Rate bit allows the use of the 12x sampling when using 32 chips/bit PN codes and Normal Data Rate.
1 = 12x Oversampling
0 = 6x Oversampling
Using 12x oversampling improves the correlators receive sensitivity. When using 64 chips/bit PN codes or Double Data
Rate this bit is don’t care. The only time when 12x oversampling can be selected is when a 32 chips/bit PN code is
being used with Normal Data Rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com