Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWUSB6935 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYWUSB6935
Description  WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6935 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYWUSB6935 Datasheet HTML 1Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 2Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 3Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 4Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 5Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 6Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 7Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 8Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
CYWUSB6935
Document #: 38-16008 Rev. *C
Page 2 of 33
3.1
Applications Support
The CYWUSB6935 is supported by both the CY3632
WirelessUSB Development Kit and the CY3635 WirelessUSB
N:1 Development Kit. The CY3635 development kit provides
all of the materials and documents needed to cut the cord on
multipoint to point and point-to-point low bandwidth, high node
density applications including four small form-factor sensor
boards and a hub board that connects to WirelessUSB LR RF
module boards, a software application that graphically demon-
strates the multipoint to point protocol, comprehensive
WirelessUSB protocol code examples and all of the
associated schematics, gerber files and bill of materials. The
WirelessUSB N:1 Development Kit is also supported by the
WirelessUSB Listener Tool.
4.0
Functional Overview
The CYWUSB6935 provides a complete SPI-to-antenna radio
modem. The CYWUSB6935 is designed to implement
wireless devices operating in the worldwide 2.4-GHz Indus-
trial, Scientific, and Medical
(ISM) frequency band
(2.400 GHz–2.4835 GHz). It is intended for systems compliant
with world-wide regulations covered by ETSI EN 301 489-1
V1.4.1, ETSI EN 300 328-1 V1.3.1 (European Countries);
FCC CFR 47 Part 15 (USA and Industry Canada) and ARIB
STD-T66 (Japan).
The CYWUSB6935 contains a 2.4-GHz radio transceiver, a
GFSK modem, and a dual DSSS reconfigurable baseband.
The radio and baseband are both code- and frequency-agile.
Forty-nine spreading codes selected for optimal performance
(Gold codes) are supported across 78 1-MHz channels
yielding a theoretical spectral capacity of 3822 channels. The
CYWUSB6935 supports a range of up to 50 meters or more.
4.1
2.4-GHz Radio
The receiver and transmitter are a single-conversion, low-
Intermediate Frequency (low-IF) architecture with fully
integrated IF channel matched filters to achieve high perfor-
mance in the presence of interference. An integrated Power
Amplifier (PA) provides an output power control range of 30 dB
in seven steps.
Both the receiver and transmitter integrated Voltage
Controlled Oscillator (VCO) and synthesizer have the agility to
cover the complete 2.4-GHz GFSK radio transmitter ISM
band. The synthesizer provides the frequency-hopping local
oscillator for the transmitter and receiver. The VCO loop filter
is also integrated on-chip.
4.2
GFSK Modem
The transmitter uses a DSP-based vector modulator to
convert the 1-MHz chips to an accurate GFSK carrier.
The receiver uses a fully integrated Frequency Modulator (FM)
detector with automatic data slicer to demodulate the GFSK
signal.
4.3
Dual DSSS Baseband
Data is converted to DSSS chips by a digital spreader. De-
spreading is performed by an oversampled correlator. The
DSSS baseband cancels spurious noise and assembles
properly correlated data bytes.
The DSSS baseband has three operating modes: 64-chips/bit
Single Channel, 32-chips/bit Single Channel, and 32-chips/bit
Single Channel Dual Data Rate (DDR).
4.3.1
64 Chips/Bit Single Channel
The baseband supports a single data stream operating at
15.625 kbits/sec. The advantage of selecting this mode is its
ability to tolerate a noisy environment. This is because the
15.625 kbits/sec data stream utilizes the longest PN Code
resulting in the highest probability for recovering packets over
the air. This mode can also be selected for systems requiring
data transmissions over longer ranges.
4.3.2
32 Chips/Bit Single Channel
The baseband supports a single data stream operating at
31.25 kbits/sec.
4.3.3
32 Chips/Bit Single Channel Dual Data Rate (DDR)
The baseband spreads bits in pairs and supports a single data
stream operating at 62.5 kbits/sec.
4.4
Serializer/Deserializer (SERDES)
CYWUSB6935 provides a data Serializer/Deserializer
(SERDES), which provides byte-level framing of transmit and
receive data. Bytes for transmission are loaded into the
SERDES and receive bytes are read from the SERDES via the
SPI interface. The SERDES provides double buffering of
transmit and receive data. While one byte is being transmitted
by the radio the next byte can be written to the SERDES data
register insuring there are no breaks in transmitted data.
After a receive byte has been received it is loaded into the
SERDES data register and can be read at any time until the
next byte is received, at which time the old contents of the
SERDES data register will be overwritten.
4.5
Application Interfaces
CYWUSB6935 has a fully synchronous SPI slave interface for
connectivity to the application MCU. Configuration and byte-
oriented data transfer can be performed over this interface. An
interrupt is provided to trigger real time events.
An optional SERDES Bypass mode (DIO) is provided for appli-
cations that require a synchronous serial bit-oriented data
path. This interface is for data only.
Table 4-1. Internal PA Output Power Step Table
PA Setting
Typical Output Power (dBm)
70
6–2.4
5–5.6
4–9.7
3
–16.4
2
–20.8
1
–24.8
0
–29.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com