Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYWUSB6935 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CYWUSB6935
Description  WirelessUSB LRTM 2.4-GHz DSSS Radio SoC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYWUSB6935 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CYWUSB6935 Datasheet HTML 1Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 2Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 3Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 4Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 5Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 6Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 7Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 8Page - Cypress Semiconductor CYWUSB6935 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
CYWUSB6935
Document #: 38-16008 Rev. *C
Page 3 of 33
4.6
Clocking and Power Management
A 13-MHz crystal is directly connected to X13IN and X13
without the need for external capacitors. The CYWUSB6935
has a programmable trim capability for adjusting the on-chip
load capacitance supplied to the crystal. The Radio Frequency
(RF) circuitry has on-chip decoupling capacitors. The
CYWUSB6935 is powered from a 2.7V to 3.6V DC supply. The
CYWUSB6935 can be shutdown to a fully static state using the
PD pin.
Below are the requirements for the crystal to be directly
connected to X13IN and X13:
• Nominal Frequency: 13 MHz
• Operating Mode: Fundamental Mode
• Resonance Mode: Parallel Resonant
• Frequency Stability:
± 30 ppm
• Series Resistance:
≤ 100 ohms
• Load Capacitance: 10 pF
• Drive Level: 10
µW–100 µW
4.7
Receive Signal Strength Indicator (RSSI)
The RSSI register (Reg 0x22) returns the relative signal
strength of the ON-channel signal power and can be used to:
1. Determine the connection quality
2. Determine the value of the noise floor
3. Check for a quiet channel before transmitting.
The internal RSSI voltage is sampled through a 5-bit analog-
to-digital converter (ADC). A state machine controls the
conversion process. Under normal conditions, the RSSI state
machine initiates a conversion when an ON-channel carrier is
detected and remains above the noise floor for over 50
µs. The
conversion produces a 5-bit value in the RSSI register (Reg
0x22, bits 4:0) along with a valid bit, RSSI register (Reg 0x22,
bit 5). The state machine then remains in HALT mode and
does not reset for a new conversion until the receive mode is
toggled off and on. Once a connection has been established,
the RSSI register can be read to determine the relative
connection quality of the channel. A RSSI register value lower
than 10 indicates that the received signal strength is low, a
value greater than 28 indicates a strong signal level.
To check for a quiet channel before transmitting, first set up
receive mode properly and read the RSSI register (Reg 0x22).
If the valid bit is zero, then force the Carrier Detect register
(Reg 0x2F, bit 7=1) to initiate an ADC conversion. Then, wait
greater than 50
µs and read the RSSI register again. Next,
clear the Carrier Detect Register (Reg 0x2F, bit 7=0) and turn
the receiver OFF. Measuring the noise floor of a quiet channel
is inherently a 'noisy' process so, for best results, this
procedure should be repeated several times (~20) to compute
an average noise floor level. A RSSI register value of 0-10
indicates a channel that is relatively quiet. A RSSI register
value greater than 10 indicates the channel is probably being
used. A RSSI register value greater than 28 indicates the
presence of a strong signal.
5.0
Application Interfaces
5.1
SPI Interface
The CYWUSB6935 has a four-wire SPI communication
interface between an application MCU and one or more slave
devices. The SPI interface supports single-byte and multi-byte
serial transfers. The four-wire SPI communications interface
consists of Master Out-Slave In (MOSI), Master In-Slave Out
(MISO), Serial Clock (SCK), and Slave Select (SS).
The SPI receives SCK from an application MCU on the SCK
pin. Data from the application MCU is shifted in on the MOSI
pin. Data to the application MCU is shifted out on the MISO
pin. The active-low Slave Select (SS) pin must be asserted to
initiate a SPI transfer.
The application MCU can initiate a SPI data transfer via a
multi-byte transaction. The first byte is the Command/Address
byte, and the following bytes are the data bytes as shown in
Figure 5-1 through Figure 5-4. The SS signal should not be
deasserted between bytes. The SPI communications interface
is as follows:
• Command Direction (bit 7) = “0” Enables SPI read transac-
tion. A “1” enables SPI write transactions.
• Command Increment (bit 6) = “1” Enables SPI auto address
increment. When set, the address field automatically incre-
ments at the end of each data byte in a burst access, oth-
erwise the same address is accessed.
• Six bits of address.
• Eight bits of data.
The SPI communications interface has a burst mechanism,
where the command byte can be followed by as many data
bytes as desired. A burst transaction is terminated by
deasserting the slave select (SS = 1). For burst read transac-
tions, the application MCU must abide by the timing shown in
Figure 12-2.
The SPI communications interface single read and burst read
sequences are shown in Figure 5-2 and Figure 5-3, respec-
tively.
The SPI communications interface single write and burst write
sequences are shown in Figure 5-4 and Figure 5-5, respec-
tively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com