Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS3114H Datasheet(PDF) 41 Page - Amphenol Corporation

Part # MS3114H
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3114H Datasheet(HTML) 41 Page - Amphenol Corporation

Back Button MS3114H Datasheet HTML 37Page - Amphenol Corporation MS3114H Datasheet HTML 38Page - Amphenol Corporation MS3114H Datasheet HTML 39Page - Amphenol Corporation MS3114H Datasheet HTML 40Page - Amphenol Corporation MS3114H Datasheet HTML 41Page - Amphenol Corporation MS3114H Datasheet HTML 42Page - Amphenol Corporation MS3114H Datasheet HTML 43Page - Amphenol Corporation MS3114H Datasheet HTML 44Page - Amphenol Corporation MS3114H Datasheet HTML 45Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
39
Shell
Size
B Dia.
+.010
-.000
C Dia.
+.010
-.000
G
Dia.
Max.
L
+.020
-.000
X
Std. & MS
RA, CA, NA
X
MS only
RAL/CAL/NAL
6
.328
.454
.577
.563
3.000
5.000
8
.454
.578
.706
.563
3.000
5.000
10
.578
.703
.816
.563
3.000
5.000
12
.703
.891
1.000
.563
3.500
5.000
14
.844
1.016
1.128
.563
3.500
5.000
16
.969
1.141
1.257
.563
3.500
5.000
18
1.094
1.266
1.367
.563
3.500
5.000
20
1.219
1.391
1.496
.563
4.000
5.000
22
1.343
1.516
1.624
.563
4.000
5.000
24
1.453
1.614
1.747
.603
4.000
5.000
PT, SP, MS/PT
accessories – protection caps
G
L
.140
+.010
B
X
X
C
N
L
.140 +.010
–.005
DIA
FOR SIZE 24
.125 +.010
–.005
DIA
FOR SIZE 6-22
RECEPTACLE PROTECTION CAPS – FOR PT, SP, MS/PT
How to Order Proprietary Receptacle Caps:
Wall Receptacle Caps:
10-101960- XX X
Cable Connecting Receptacle Caps:
10-101961- XX X
Jam Nut Receptacle Caps:
10-101964- XX X
Add desired shell size
Add desired finish suffix†
“FL” designates gray zinc nickel
“3” designates olive drab cadmium
“5” designates Alumilite®
Proprietary caps are supplied with standard bead chains only (as shown
in drawing at left). For other chain options, an MS version cap should be
ordered.
How to Order MS Version Receptacle Caps:
Wall Receptacle Caps:
MS3181- XX
-CA for sash chain
-CAL for long sash chain
-RA for rope chain
-RAL for long rope chain
Jam Nut Recept. Caps:
MS3181- XX
-NA for sash chain
-NAL for long sash chain
Shell size
MS versions are supplied with standard anodize finish only. For other
finish options a proprietary cap should be ordered.
PLUG PROTECTION CAPS – FOR PT, SP, MS/PT
Shell
Size
N Dia.
+.001
-.005
L Dia.
+.025
-.015
X
Std. & MS
CA, RA
X
MS only
CAL/ RAL
6
.348
.532
3.000
5.000
8
.473
.532
3.000
5.000
10
.590
.532
3.000
5.000
12
.750
.532
3.500
5.000
14
.875
.532
3.500
5.000
16
1.000
.532
3.500
5.000
18
1.125
.532
3.500
5.000
20
1.250
.594
4.000
5.000
22
1.375
.594
4.000
5.000
24
1.500
.627
4.000
5.000
How to Order Proprietary Plug Caps:
10-101957-XX X
Add desired shell size
Add desired finish suffix†
“FL” designates gray zinc nickel
“3” designates olive drab cadmium
“5” designates Alumilite®
Proprietary caps are supplied with standard bead chains only (as
shown in drawing at left). For other chain options an MS version
cap should be ordered.
How to Order
MS Version Plug Caps:
MS3180- XX -CA for sash chain
-CAL for long sash chain
-RA for rope chain
Shell Size
-RAL for long rope chain
RECEPTACLE PROTECTION CAP
FOR PT, SP, MS/PT CONNECTORS
10-101960-XXX
MS3181-XXX
(Wall Receptacle)
10-101961-XXX
(Cable Connecting
Receptacle)
10-101964-XXX
MS3181-XXX
(Jam Nut Recptacle)
PLUG PROTECTION CAP
FOR PT, SP, MS/PT CONNECTORS
MS3180-XXX
10-101957-XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com