Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS3114H Datasheet(PDF) 13 Page - Amphenol Corporation

Part # MS3114H
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3114H Datasheet(HTML) 13 Page - Amphenol Corporation

Back Button MS3114H Datasheet HTML 9Page - Amphenol Corporation MS3114H Datasheet HTML 10Page - Amphenol Corporation MS3114H Datasheet HTML 11Page - Amphenol Corporation MS3114H Datasheet HTML 12Page - Amphenol Corporation MS3114H Datasheet HTML 13Page - Amphenol Corporation MS3114H Datasheet HTML 14Page - Amphenol Corporation MS3114H Datasheet HTML 15Page - Amphenol Corporation MS3114H Datasheet HTML 16Page - Amphenol Corporation MS3114H Datasheet HTML 17Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
11
Amphenol PT, SP, MS/PT
Proprietary/MIL-DTL-26482, Series 1
bayonet coupling and solder termination
Table 1: CONTACT DATA/CONNECTOR RATINGS
Contact Specifications
Contact
Size
Test Cur-
rent
Maximum Millivolt
Drop
†
Solder Well
Diameter
Solder Well
Depth
20
7.5
55
.046
+.004
.125
+.031
-.000
-.000
16
13.0
50
.078
+.005
.188
+.031
-.003
-.000
12
23.0
42
.116
+.004
.188
+.031
-.002
-.000
Amphenol® solder contact miniature cylindrical connectors meet the
most critical application needs. Design versatility combined with high
reliability performance makes these series of Miniature Cylindrical
Connectors ideal for environmental sealing or pressurized applications.
The MS/PT Series is qualified to MIL-DTL-26482, Series 1 and has all the outstanding
design characteristics and quality of the PT Series. The SP Series is a modification
of the PT, providing special shells with a wide mounting flange for back panel
mounting.
A corrosion resistant electrically conductive finish of cadmium plate with an olive
drab chromate after-treatment is used on the PT and MS/PT. The SP is given a
durable non-conductive hard anodic “Alumilite”® coating which provides abrasion
protection and resistance to corrosion.
**NEW** 500 hour corrosion resistance, RoHS compliant harsh environment
conductive plating. Gray Zinc over an Electroless Nickel (Gray ZnNi) base, with a Light
Gun Metal Gray appearance.
Shell components for these series are aluminum. The dependable 5 key/keyway
polarization with bayonet lock coupling assures positive mating with no chance
of cross plugging. Spring tension provided by a wave washer in the coupling nut
ensures maintenance of interfacial seal between mating halves.
Both the insert and main joint gasket are molded from resilient neoprene. This
provides excellent moisture sealing at the gasket and superior electrical isolation of
the contact in the insert.
Both pins and sockets are machined from a copper alloy and are gold plated.
This gold plating eliminates contact corrosion and offers an indefinite shelf life.
Socket contacts for these series are a closed entry design. A breakaway style plug is
available in the PT solder series. Hermetics receptacles are available in PT and MS/
PT solder series. Receptacles with printed circuit board contacts are also available.
PT Solder is UL recognized under file #E115497, Vol. 1, Sec. 5. The PT, SP and MS/PT
Series are intermateable and intermountable with all existing Miniature Cylindrical
Series connectors.
Refer to pages 4-10 for insert arrangement availability.
PT, SP, MS/PT
Service Rating
Service
Rating
Recommended
Operating
AC Voltage at Sea
Level
Test Voltage AC (RMS), 60 cps
Sea
Level
50,000 ft. 70,000 ft.
110,000
ft.
I
600
1,500
500
375
200
II
1,000
2,300
750
500
200
† Silver plated wire
per MIL-DTL-26482
* This connector
style is sometimes
referred to as a
cable connecting
“plug.” It does,
however, mate
with a straight or
90 degree plug.
wall mounting
receptacle
cable
connecting
receptacle*
box mounting
receptacle
straight plug
jam nut
receptacle
thru bulkhead
receptacle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com