Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS3114H Datasheet(PDF) 49 Page - Amphenol Corporation

Part # MS3114H
Description  Miniature Cylindrical Connectors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS3114H Datasheet(HTML) 49 Page - Amphenol Corporation

Back Button MS3114H Datasheet HTML 44Page - Amphenol Corporation MS3114H Datasheet HTML 45Page - Amphenol Corporation MS3114H Datasheet HTML 46Page - Amphenol Corporation MS3114H Datasheet HTML 47Page - Amphenol Corporation MS3114H Datasheet HTML 48Page - Amphenol Corporation MS3114H Datasheet HTML 49Page - Amphenol Corporation MS3114H Datasheet HTML 50Page - Amphenol Corporation MS3114H Datasheet HTML 51Page - Amphenol Corporation MS3114H Datasheet HTML 52Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 49 / 52 page
background image
47
Coaxial Contacts
for miniature cylindrical connectors, cont.
crimp SE (MIL-DTL-26482 Series 1 type) - application data
SE CRIMP COAX CONTACTS
For use in Miniature Crimp Type Connectors: PT-SE, SP-SE, and MS/PT-SE Styles
Cable
Contact Part Number
Contact
Size
Type
Finish
on
Mating
Parts
Dimensional Data (See Drawings above)
Crimp Ferrule Tools
Retainer Nut
Wrench
Installation Tools
G
Dia.
H
Dia.
±0.001
F
Across
Flats
±0.004
L Length Ref.
Insertion
Removal
Pin
Socket
Pin
Socket
MIL-T-22910/7-1
Tool
Use with Die Part
Number
MIL-C-22520/5-01
Tool
Use with Die Part
Number
MIL-C-22520/10-0
Tool
Use with Die Part
Number
RG-55B/U,
RG-142A/U,
RG-142B/U,
RG-223/U
21-33012-21
21-33012-25
21-33011-21
21-33011-25
8
8
I
II
2
0.0355
±0.0010
0.218
0.280
1.156 1.144
M22910/7-17 (B)
M22520/5-05 (A)
M22520/5-19 (B)
M22520/10-07 (A)
11-8676-2
11-8369-5
11-8660-5
11-7880-8
11-8154-1
21-33038-21
21-33038-25*
21-33037-21
21-33037-25
8
8
I
II
4
21-33138-21( )*
21-33138-25( )*
21-33137-21( )*
21-33137-25( )*
8
8
I
II
**
RG-58C/U,
RG-141A/U,
RG-303/U
21-33012-22
21-33012-26
21-33011-22
21-33011-26
8
8
I
II
2
0.0355
±0.0010
0.218
0.280
1.156 1.144
M22910/7-15 (B)
M22520/5-05 (B)
M22520/5-41 (B)
M22520/10-07 (B)
11-8676-2
11-8369-4
11-8660-4
11-7880-8
11-8154-1
21-33038-22*
21-33038-26*
21-33037-22
21-33037-26*
8
8
I
II
4
21-33138-22( )*
21-33138-26( )*
21-33137-22( )
21-33137-26( )*
8
8
I
II
**
RG-59B/U,
RG-62A/U,
RG-62B/U,
RG-210/U
21-33012-36
21-33011-36
8
II
2
0.0355
±0.0010
0.218
0.280
1.156 1.144
M22910/7-18 (B)
M22520/5-45 (B)
11-8676-3
11-8369-5
11-8660-5
11-7880-8
11-8154-1
21-33038-36*
21-33037-36
8
II
4
21-33138-36( )*
21-33137-36( )
8
II
**
RG-140/U,
RG-302/U
21-33012-37*
21-33011-37*
8
II
2
0.0355
±0.0010
0.218
0.280
1.156 1.144
M22910/7-17 (B)
M22520/5-05 (A)
M22520/5-19 (B)
M22520/10-07 (A)
11-8676-2
11-8369-5
11-8660-5
11-7880-8
11-8154-1
21-33038-37*
21-33037-37*
8
II
4
21-33138-37( )* 21-33137-37( )*
8
II
**
RG-161/U,
RG-174A/U,
RG-179B/U,
RG-187A/U,
RG-188A/U,
RG-316/U
21-33012-34
21-33012-30
21-33011-34
21-33011-30
8
8
I
II
2
0.0355
±0.0010
0.218
0.280
1.156 1.144
M22910/7-12 (B)
M22520/5-03 (A)
M22520/5-08 (A)
M22520/5-35 (B)
M22520/10-05 (A)
11-8676-2
11-8369-2
11-8660-2
11-7880-8
11-8154-1
21-33038-34
21-33038-30
21-33037-34
21-33037-30
8
8
I
II
4
21-33138-34( )*
21-33138-30( )*
21-33137-34( )*
21-33137-30( )*
8
8
I
II
**
21-33012-1
21-33012-4
21-33011-1
21-33011-4
12
12
I
II
2
0.0200
±0.0005
0.128
0.172
1.092 1.072
11-8676-1
11-7880-12
11-8154-2
21-33038-1*
21-33038-4
21-33037-1*
21-33037-4*
12
12
I
II
4
21-33138-1( )*
21-33138-4( )*
21-33137-1( )
21-33137-4( )*
12
12
I
II
**
RG-178B/U,
RG-196A/U
21-33012-35
21-33011-35
8
I
2
0.0355
±0.0010
0.218
0.280
1.156 1.144
M22910/7-11 (B)
M22520/5-03 (B)
M22520/5-33 (B)
11-8676-2
11-8369-1
11-8660-1
11-7880-8
11-7880-8
21-33038-35
21-33037-35
8
I
4
21-33138-35( )* 21-33137-35( )*
8
I
**
21-33012-3*
21-33012-5
21-33011-3*
21-33011-5
12
12
I
II
2
0.0200
± 0.0005
0.128
0.172
1.092 1.072
11-8676-1
11-7880-12
11-8154-2
21-33038-3*
21-33038-5
21-33037-3*
21-33037-5*
12
12
I
II
4
21-33138-3( )*
21-33138-5( )*
21-33137-3( )*
21-33137-5( )*
12
12
I
II
**
NOTE: Contacts can be ordered by part numbers given in chart
** See finish options for SE crimp Miniature contacts listed on
page 44. Replace the parenthesis of the contact part number with
the finish suffix number. However, you should consult Amphenol,
Sidney, NY regarding the availability of all finish choices for each
part number.
* Consult Amphenol, Sidney NY for availability
CRIMPING TOOLS: Italicized letters in parenthesis that follow
positioner part numbers indicate applicable die closure.
Commercial equivalents with the same die closure dimension may
be used.
CHART CONTINUES ON NEXT PAGE
MATING
PIN DIA
H
G
PIN
F
L
MATING
PIN DIA
H
G
SOCKET
F
L
NOTE: All contacts of the same size and the same inner and
outer contact diameters (G & H) will mate with each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com