Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9218PC Datasheet(PDF) 64 Page - ESS Technology,Inc

Part # ES9218PC
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PC Datasheet(HTML) 64 Page - ESS Technology,Inc

Back Button ES9218PC Datasheet HTML 60Page - ESS Technology,Inc ES9218PC Datasheet HTML 61Page - ESS Technology,Inc ES9218PC Datasheet HTML 62Page - ESS Technology,Inc ES9218PC Datasheet HTML 63Page - ESS Technology,Inc ES9218PC Datasheet HTML 64Page - ESS Technology,Inc ES9218PC Datasheet HTML 65Page - ESS Technology,Inc ES9218PC Datasheet HTML 66Page - ESS Technology,Inc ES9218PC Datasheet HTML 67Page - ESS Technology,Inc ES9218PC Datasheet HTML 68Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 101 page
background image
ES9218P Datasheet
December 6, 2018
CONFIDENTIAL ADVANCE INFORMATION 1.8
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
64
Register 30-31: Charge Pump Clock (0x1E & 0x1F)
Bits
[15:14]
[13:12]
[11:0]
Mnemonic
cp_clk_sel
cp_clk_en
cp_clk_div
Default
2’b00
2’b00
12’d0
Bit
Mnemonic
Description
[15:14]
cp_clk_sel
Selects which clock will be used as the reference clock for the charge pump (CP) clock.
2’b00: use CLK as the CP reference clock (default)
2’b01: use 128*fs as the CP reference clock
2’b10: use 64*fs as the CP reference clock
2’b11: use 1*fs as the CP reference clock
The chargepump clock frequency is not guaranteed to be exactly equal to XI(MCLK). The cp_clk_div
setting is automatically adjusted to undo the effects of clock gearing. The result is that the chargepump
rate remains constant with respect to XI(MCLK) even when CLK changes but only to within the truncation
error of the chargepump clock divider.
See System Clock XI(MCLK) for the relationship between XI(MCLK) and CLK.
[13:12]
cp_clk_en
Sets the state of the charge pump clock.
2’b00: tristate output (default, use internal CP oscillator)
2’b01: tied to GND
2’b10: tied to DVDD
2’b11: cp_clk_sel / cp_clk_div
Note: Set cp_clk_div before setting cp_clk_en to 2’b11.
[11:0]
cp_clk_div
Sets the divider ratio for the charge pump clock. f
CLK is the frequency of the clock selected by
cp_clk_sel.
fCP =
fCLK
cp_clk_div ∗ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com