Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9218PC Datasheet(PDF) 87 Page - ESS Technology,Inc

Part # ES9218PC
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PC Datasheet(HTML) 87 Page - ESS Technology,Inc

Back Button ES9218PC Datasheet HTML 83Page - ESS Technology,Inc ES9218PC Datasheet HTML 84Page - ESS Technology,Inc ES9218PC Datasheet HTML 85Page - ESS Technology,Inc ES9218PC Datasheet HTML 86Page - ESS Technology,Inc ES9218PC Datasheet HTML 87Page - ESS Technology,Inc ES9218PC Datasheet HTML 88Page - ESS Technology,Inc ES9218PC Datasheet HTML 89Page - ESS Technology,Inc ES9218PC Datasheet HTML 90Page - ESS Technology,Inc ES9218PC Datasheet HTML 91Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 101 page
background image
ES9218P Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.8
December 6, 2018
87
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 65 (Read-Only): GPIO Readback (0x41)
Bits
[7]
[6]
[5]
[4]
[3:2]
[1]
[0]
Mnemonic
ocbr_pos
ocbl_pos
ocbr_neg
ocbl_neg
clk_gear_rb
gpio2
gpio1
Default
1’b0
1’b0
1’b0
1’b0
2’b00
1’b0
1’b0
Bit
Mnemonic
Description
[7]
ocbr_pos
Indicates instantaneous positive overcurrent condition on the right channel.
1’b0 No positive overcurrent condition (default)
1’b1 Positive overcurrent condition at the amplifier output
See Overcurrent Protection
[6]
ocbl_pos
Indicates instantaneous positive overcurrent condition on the left channel.
1’b0 No positive overcurrent condition (default)
1’b1 Positive overcurrent condition at the amplifier output
See Overcurrent Protection
[5]
ocbr_neg
Indicates instantaneous negative overcurrent condition on the right channel.
1’b0 No negative overcurrent condition (default)
1’b1 Negative overcurrent condition at the amplifier output
See Overcurrent Protection
[4]
ocbl_neg
Indicates instantaneous negative overcurrent condition on the left channel.
1’b0 No negative overcurrent condition (default)
1’b1 Negative overcurrent condition at the amplifier output
See Overcurrent Protection
[3:2]
clk_gear_rb
Clock gear readback. This register will reflect changes from both manual and automatic clock
gearing.
2’b00: indicates CLK = XI(MCLK) (default)
2’b01: indicates CLK = XI(MCLK) / 2
2’b10: indicates CLK = XI(MCLK) / 4
2’b11: indicates CLK = XI(MCLK) / 8
[1]
gpio2
Contains the state of the GPIO2 pin.
[0]
gpio1
Contains the state of the GPIO1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com