Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES9218PC Datasheet(PDF) 73 Page - ESS Technology,Inc

Part # ES9218PC
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9218PC Datasheet(HTML) 73 Page - ESS Technology,Inc

Back Button ES9218PC Datasheet HTML 69Page - ESS Technology,Inc ES9218PC Datasheet HTML 70Page - ESS Technology,Inc ES9218PC Datasheet HTML 71Page - ESS Technology,Inc ES9218PC Datasheet HTML 72Page - ESS Technology,Inc ES9218PC Datasheet HTML 73Page - ESS Technology,Inc ES9218PC Datasheet HTML 74Page - ESS Technology,Inc ES9218PC Datasheet HTML 75Page - ESS Technology,Inc ES9218PC Datasheet HTML 76Page - ESS Technology,Inc ES9218PC Datasheet HTML 77Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 101 page
background image
ES9218P Datasheet
CONFIDENTIAL ADVANCE INFORMATION 1.8
December 6, 2018
73
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
Register 45: Analog Control Override (0x2D)
Bits
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
enaux
areg_pdb
enhpa
cph_ens
cph_enw
apdb
cp_clk_sel
reserved
Default
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
1’b0
Bit
Mnemonic
Description
[7]
enaux
Sets the state of the output switch when the digital core has taken control of the switch. The
switch can be controlled by the digital by setting ENAUX_OE to 1’b1.
1’b0: switch is disengaged, allowing the DAC and headphone amplifier to drive the
output (default)
1’b1: switch is engaged, allowing the auxiliary input to drive the output
Note: The switch should not be engaged when the headphone amplifier is enabled.
[6]
areg_pdb
Enables the analog regulator, which uses the reference voltage enabled by the apdb signal.
1’b0: analog regulator is disabled (default)
1’b1: analog regulator is enabled. Note: apdb must be set to 1’b1 for the analog
regulator to work correctly
[5]
enhpa
Enables the pre-amplifier for the headphone amplifier.
1’b0: pre-amplifier is disabled (default)
1’b1: pre-amplifier is enabled.
[4]
cph_ens
Enables the main charge pump and places it into strong mode. The main charge pump powers
the output stage of the headphone amplifier.
1’b0: main charge pump (strong mode) is disabled (default)
1’b1: main charge pump (strong mode) is enabled
Note: encp_oe must be set to 1’b1 for the digital core to control the charge pump
[3]
cph_enw
Enables the main charge pump and places it into weak mode. The main charge pump powers
the output stage of the headphone amplifier.
1’b0: main charge pump is disabled (default)
1’b1: main charge pump is enabled
Note: encp_oe must be set to 1’b1 for the digital core to control the charge pump
[2]
apdb
Enables the analog reference voltage, which is derived by a bandgap.
1’b0: analog reference is disabled (default)
1’b1: analog reference is enabled, which supplies a reference voltage for the analog
regulator. This bit must be set prior to enabling the analog regulator (AREG_PDB)
[1]
cp_clk_sel
Disables the internal oscillator for the charge pump and uses a digitally generated clock signal
instead. The digitally generated clock signal can be configured via register 30-31.
1’b0: use the internal oscillator as the charge pump clock (default)
1’b1: use the digitally generated clock as the charge pump clock
[0]
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com