Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUECORE4-ROM Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # BLUECORE4-ROM
Description  BlueCore 4-ROM CSP EDR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BLUECORE4-ROM Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button BLUECORE4-ROM Datasheet HTML 17Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 18Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 19Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 20Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 21Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 22Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 23Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 24Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
Radio Characteristics – Basic Data Rate
BC41B143A-ds-002Pd
This material is subject to CSR’s non-disclosure agreement
Production Information
© Cambridge Silicon Radio Limited 2005
Page 21 of 89
Radio Characteristics
VDD = 1.8V
Temperature = +20
°C (Continued)
Frequency
(GHz)
Min
Typ
Max
Cellular Band
Unit
0.869 – 0.894
(1)
-
-130
-
GSM 850
0.869 – 0.894
(2)
-
-134
-
CDMA 850
0.925 – 0.960
(1)
-
-133
-
GSM 900
1.570 – 1.580
(3)
-
-137
-
GPS
1.805 – 1.880
(1)
-
-141
-
GSM 1800 /
DCS 1800
1.930 – 1.990
(4)
-
-142
-
PCS 1900
1.930 – 1.990
(1)
-
-140
-
GSM 1900
1.930 – 1.990
(2)
-
-140
-
CDMA 1900
2.110 – 2.170
(2)
-
-140
-
W-CDMA 2000
Emitted power in
cellular bands
measured at the
unbalanced port of
the balun.
Output power
≤5dBm
2.110 – 2.170
(5)
-
-140
-
W-CDMA 2000
dBm
/Hz
Notes:
(1)
Integrated in 200kHz bandwidth and then normalised to a 1Hz bandwidth.
(2)
Integrated in 1.2MHz bandwidth and then normalised to a 1Hz bandwidth.
(3)
Integrated in 1MHz bandwidth and then normalised to a 1Hz bandwidth.
(4)
Integrated in 30kHz bandwidth and then normalised to a 1Hz bandwidth.
(5)
Integrated in 5MHz bandwidth and then normalised to a 1Hz bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com