Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUECORE4-ROM Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # BLUECORE4-ROM
Description  BlueCore 4-ROM CSP EDR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BLUECORE4-ROM Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button BLUECORE4-ROM Datasheet HTML 9Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 10Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 11Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 12Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 13Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 14Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 15Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 16Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
Electrical Characteristics
BC41B143A-ds-002Pd
This material is subject to CSR’s non-disclosure agreement
Production Information
© Cambridge Silicon Radio Limited 2005
Page 13 of 89
4
Electrical Characteristics
Absolute Maximum Ratings
Rating
Minimum
Maximum
Storage temperature
-40
°C
150
°C
Supply voltage: VDD_RADIO, VDD_LO, VDD_ANA, and
VDD_CORE
-0.4V
2.2V
Supply voltage: VDD_PADS, VDD_PIO and VDD_USB
-0.4V
3.7V
Supply voltage: VREG_IN
-0.4V
5.6V
Other terminal voltages
VSS-0.4V
VDD+0.4V
Recommended Operating Conditions
Operating Condition
Minimum
Maximum
Operating temperature range
-40
°C
105
°C
Guaranteed RF performance range
(1)
-40
°C
105
°C
Supply voltage: VDD_RADIO, VDD_LO, VDD_ANA, and
VDD_CORE
1.7V
1.9V
Supply voltage: VDD_PADS, VDD_PIO and VDD_USB
1.7V
3.6V
Supply voltage: VREG_IN
2.2V
4.2V
(2)
Note:
(1)
Typical figures are given for RF performance between -40
°C and +105°C.
(2)
The device will operate without damage with VREG_IN as high as 5.6V. However the RF performance is
not guaranteed above 4.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com