Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLUECORE4-ROM Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # BLUECORE4-ROM
Description  BlueCore 4-ROM CSP EDR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BLUECORE4-ROM Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button BLUECORE4-ROM Datasheet HTML 35Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 36Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 37Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 38Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 39Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 40Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 41Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 42Page - List of Unclassifed Manufacturers BLUECORE4-ROM Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
Description of Functional Blocks
BC41B143A-ds-002Pd
This material is subject to CSR’s non-disclosure agreement
Production Information
© Cambridge Silicon Radio Limited 2005
Page 39 of 89
8
Description of Functional Blocks
8.1
RF Receiver
The receiver features a near-zero Intermediate Frequency (IF) architecture that allows the channel filters to be
integrated on to the die. Sufficient out-of-band blocking specification at the Low Noise Amplifier (LNA) input
allows the radio to be used in close proximity to Global System for Mobile Communications (GSM) and Wideband
Code Division Multiple Access (W-CDMA) cellular phone transmitters without being desensitised. The use of a
digital Frequency Shift Keying (FSK) discriminator means that no discriminator tank is needed and its excellent
performance in the presence of noise allows BlueCore4-ROM CSP to exceed the Bluetooth requirements for
co-channel and adjacent channel rejection.
For EDR, an Analogue to Digital Converter (ADC) is used to digitise the IF received signal.
8.1.1
Low Noise Amplifier
The LNA can be configured to operate in single-ended or differential mode. Single-ended mode is used for
Class 1 Bluetooth operation. Differential mode is used for Class 2 operation.
8.1.2
Analogue to Digital Converter
The Analogue to Digital Converter (ADC) is used to implement fast Automatic Gain Control (AGC). The ADC
samples the Received Signal Strength Indicator (RSSI) voltage on a slot-by-slot basis. The front-end LNA gain is
changed according to the measured RSSI value, keeping the first mixer input signal within a limited range. This
improves the dynamic range of the receiver, improving performance in interference limited environments.
8.2
RF Transmitter
8.2.1
IQ Modulator
The transmitter features a direct IQ modulator to minimise the frequency drift during a transmit timeslot, which
results in a controlled modulation index. Digital baseband transmit circuitry provides the required spectral
shaping.
8.2.2
Power Amplifier
The internal Power Amplifier (PA) has a maximum output power of +6dBm allowing BlueCore4-ROM CSP to be
used in Class 2 and Class 3 radios without an external RF PA. Support for transmit power control allows a simple
implementation for Class 1 with an external RF PA.
8.2.3
Auxiliary DAC
An 8-bit voltage Auxiliary DAC is provided for power control of an external PA for Class 1 operation or for any
other customer specific application.
8.3
RF Synthesiser
The radio synthesiser is fully integrated onto the die with no requirement for an external Voltage Controlled
Oscillator (VCO) screening can, varactor tuning diodes, LC resonators or loop filter. The synthesiser is
guaranteed to lock in sufficient time across the guaranteed temperature range to meet the Bluetooth Specification
v2.0 + EDR.
8.4
Power Control and Regulation
BlueCore4-ROM CSP contains one linear 1.8V regulator which may be used to power the 1.8V supplies of the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com