Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8FS-G10024C-R Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # S8FS-G10024C-R
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G10024C-R Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button S8FS-G10024C-R Datasheet HTML 14Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 15Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 16Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 17Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 18Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 19Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 20Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 21Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
S8FS-G
18
Engineering Data
Overload Protection
The load and the Power Supply are automatically protected from
overcurrent damage by this function. Overload protection is activated
if the output current rises above 105 to 160% of the rated current.
When the output current returns within the rated range overload
protection is automatically cleared.
Note: 1. Internal parts may occasionally deteriorate or be damaged
if a short-circuited or overcurrent state continues during
operation.
2. Internal parts may possibly deteriorate or be damaged if the
Power Supply is used for applications with frequent inrush
current or overloading at the load end. Do not use the Power
Supply for such applications.
Overvoltage Protection
Consider the possibility of an overvoltage and design the system so
that the load will not be subjected to an excessive voltage even if the
feedback circuit in the Power Supply fails.
If an excessive voltage that is 120% of the rated voltage or more is
output, the output voltage is shut OFF.
Reset the input power by turning it OFF for at least three minutes and
then turning it back ON again.
Overheating Protection (300 W and 600 W)
If the internal temperature of the Power Supply rises excessively as a
result of fan failure or any other reason, the overheat protection circuit
will be triggered to shut OFF the output voltage.
To restore operation, turn OFF the input power supply long enough
for the Power Supply to cool sufficiently and then turn it ON again.
Remote Control Function (Only Remote control)
This function is to turn ON/OFF the output by applying a voltage to the
remote control connector from a DC power Supply (external power
supply) other than this Power Supply.
Connectors used:
Applicable crimp tool: YC-110R (J.S.T. Mfg. Co., Ltd.) or
YRS-110 (J.S.T. Mfg. Co., Ltd.)
Note: 1. When the external power supply is 4.5 to 12.5 V, the current
limiting resistor R is not required. When it is 12.5 to 24.5 V,
insert 1.5 k
Ω as the current limiting resistor R.
2. Reverse connection of the connector may cause damage
on the internal parts.
3. The +RC and -RC terminals are the secondary circuit of the
Power Supply. Use an SELV output power supply for an
external power supply. The remote control circuit is
insulated from the secondary output of the Power Supply
(functional insulation).
Reference Value
050
100
Output current (%)
Intermittent operation
Output current (%)
50
0
100
Built-in
resistance Ri (
Ω)
Voltage between +RC and
−RC (V) Inrush current
(mA)
Output ON
Output OFF
780
4.5 to 12.5
0 to 0.5
20 max.
CN61
Applicable
connector
Applicable
contact
Model
B2B-XH-AM
XHP-2
SXH-001T-P0.6
or
SXH-002T-P0.6
Manufacturer
J.S.T. Mfg. Co., Ltd.
Reliability
(MTBF)
Value
Single phase model
15W: 970,000
30W: 970,000
50W: 880,000
100W: 730,000
150W: 620,000
300W: 200,000
600W: 190,000
Definition
MTBF stands for Mean Time Between
Failures, which is calculated according to the
probability of accidental device failures, and
indicates reliability of devices.
Therefore, it does not necessarily represent a
life of the product.
Life expectancy
10 yrs. Min.
Definition
The life expectancy indicates average
operating hours under the ambient
temperature of 40°C and a load rate of 50%.
Normally this is determined by the life
expectancy of the built-in aluminum electrolytic
capacitor.
External
power supply
(SELV output)
Switch
R
Inflowing current
+RC
−RC
1
2
Ri
Inside the power
supply
Remote control connector (CN61)
Usage example of the remote control
Note 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com