Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8FS-G10024C-R Datasheet(PDF) 30 Page - Omron Electronics LLC

Part # S8FS-G10024C-R
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G10024C-R Datasheet(HTML) 30 Page - Omron Electronics LLC

Back Button S8FS-G10024C-R Datasheet HTML 26Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 27Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 28Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 29Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 30Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 31Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 32Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 33Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 34Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
S8FS-G
30
Mounting
<Standard mounting>
S8FS-G015
@@@ to 150@@@
S8FS-G300
@@@ and S8FS-G600@@@
Note: Use a metal plate as the mounting surface.
*1. Convection of air.
*2. 20 mm min.
<Other mounting types>
*2
S8FS-G015
@@@ to 150@@@
*1. 20 mm min.
*2. Applicable to products produced from May 2018
<DIN Rail Mounting>
To mount the Power Supply to a DIN
Rail, hook portion (A) of the Power
Supply onto the DIN Rail and press
the Power Supply in direction (B)
until you hear it lock into place.
To dismount the Block, pull down
portion (C) with a flat-blade
screwdriver and pull out the Block.
Wiring
• Connect the ground completely. A protective earthing terminal
stipulated in safety standards is used. Electric shock or malfunction
may occur if the ground is not connected completely.
• Minor fire may possibly occur. Ensure that input and output
terminals are wired correctly.
• Do not apply more than 150-N force to the terminal block when
tightening it.
• Be sure to remove the sheet covering the Power Supply for
machining before power-ON so that it does not interfere with heat
dissipation.
• Use the following material for the wires to be connected to the
S8FS-G to prevent smoking or ignition caused by abnormal loads.
Terminals and Wiring (Screw terminal block type)
Note: The current capacity per output terminal is given in the
following table.
S8FS-G015
@@@ to S8FS-G300@@@: 20 A
S8FS-G600
@@@: 30 A
Use two terminals together if the current flow is higher than the
rated terminal current.
Terminals and Wiring (Connector type)
Note: 1. The current capacity per output terminal is 5 A.
Use two or more terminals together if the current flow is
higher than the rated terminal current.
2. Do not insert and remove any connector more than 20
times.
3. Refer to Input and Output Connectors on page 15 for the
model numbers of the input and output connectors.
20 mm min.
20 mm min.
20 mm min.
20 mm min.
Bottom mounting
Side (horizontal orientation)
mounting
20 mm min.
20 mm min.
20 mm min.
20 mm min.
Ventilation holes
Ventilation
holes
30 mm min.
30 mm min.
30 mm min.
30 mm min.
Bottom mounting
Side (horizontal orientation)
mounting
*1
*2
*1
DIN rail mounting
Side (vertical orientation)
mounting
Side (upward)
mounting
Bottom (upward)
mounting
*1
*1
*1
*1
Rail stopper
(C)
(A)
(B)
Terminals
Model
Recommendes
Wire Gauges
Input
S8FS-G015
@@@
AWG12-22
S8FS-G030
@@@ to 100@@@
AWG12-20
S8FS-G150
@@@ to 600@@@
AWG12-16
Output
S8FS-G01512
@ to 01524@
AWG12-22
S8FS-G03024
@
S8FS-G01505
@
AWG12-20
S8FS-G03012
@, 03015@
S8FS-G05015
@, 05024@
S8FS-G15048
@
S8FS-G05012
@
AWG12-18
S8FS-G10024
@
S8FS-G03005
@
AWG12-16
S8FS-G10015
@
S8FS-G15024
@
S8FS-G30048
@
S8FS-G05005
@
AWG12-14
S8FS-G10012
@
S8FS-G15015
@
S8FS-G10005
@
AWG12
S8FS-G15005
@, 15012@
S8FS-G30012
@ to 30024@
S8FS-G60015
@ to 60048@
AWG10-12
S8FS-G60012
@
AWG10
Protective
earth
terminal
S8FS-G015
@@@ to 600@@@
AWG12-14
Terminals
Model
Recommendes
Wire Gauges
Input
S8FS-G01524
@E to 15024@EAWG18
Output
S8FS-G01524
@E to 15024@EAWG18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com