Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8FS-G10024C-R Datasheet(PDF) 25 Page - Omron Electronics LLC

Part # S8FS-G10024C-R
Description  Switch Mode Power Supply S8FS-G (15/30/50/100/150/300/600-W Models)
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-G10024C-R Datasheet(HTML) 25 Page - Omron Electronics LLC

Back Button S8FS-G10024C-R Datasheet HTML 21Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 22Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 23Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 24Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 25Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 26Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 27Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 28Page - Omron Electronics LLC S8FS-G10024C-R Datasheet HTML 29Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
S8FS-G
25
300W
50.5
8.2
9.5
64±0.5
28.5
102±1
170±1
74±0.5
20±0.5
41±1
12
(14.1)
(3.5)
60
Seven, M3.5
Two, M4 (Depth 5 mm max.)
Four, M4 (Depth 5 mm max.)
S8FS-G300
@@C
Panel mounting holes dimensions
Using the screw holes
in the Power Supply
Side
Mounting
Bottom
Mounting
64±0.5
Two, 4.5 dia.
74±0.5
20±0.5
Four, 4.5 dia.
8.2
9.5
201±1
(14.1)
5
48.5
53.5
42.5±1
4.8
Seven, M3.5
(Sliding:
7.5 max.)
5 max.
S8FS-G300
@@CD
Note: Use a Front-mounting Bracket (S82Y-FSG-30F) when the DIN Rail is not strong enough for your usage environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com