Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101R6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM32F101R6
Description  Leading-edge architecture with Cortex-M3 core
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101R6 Datasheet(HTML) 6 Page - STMicroelectronics

  STM32F101R6 Datasheet HTML 1Page - STMicroelectronics STM32F101R6 Datasheet HTML 2Page - STMicroelectronics STM32F101R6 Datasheet HTML 3Page - STMicroelectronics STM32F101R6 Datasheet HTML 4Page - STMicroelectronics STM32F101R6 Datasheet HTML 5Page - STMicroelectronics STM32F101R6 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Operating systems
A range of portable royalty-free, small-footprint operating
systems to meet a variety of application constraints from
low cost to high security.
Supplier
Description
Altium/Tasking
www.tasking.com
EDE development environment, Tasking VX compiler,
debugging/programming via JTAG
Green Hills Software
www.ghs.com
Multi development environment, GHS C/C++
compiler and Green Hills probe (USB or Ethernet/JTAG)
Hitex
www.hitex.com
HiTOP5 development environment, Tasking VX compiler
and Tantino (USB/JTAG)
IAR
www.iar.com
EWARM development environment, IAR C/C++
compiler and J-Link (USB/JTAG)
Keil
www.keil.com
RealView MDK with uVision3 software, ARM C/C++
compiler and ULINK (USB/JTAG)
Raisonance
www.raisonance.com
RIDE development environment with GNU C/C++
compiler and RLink (USB/JTAG)
Rowley
www.rowley.co.uk
CrossWorks with CrossStudio software, GNU C/C++
compiler and CrossConnect (JTAG)
RTOS supplier
RTOS
CMX Systems: www.cmx.com
CMX-RTX
www.FreeRTOS.org
FreeRTOS
IAR: www.iar.com
PowerPac
Keil: www.keil.com
ARTX-ARM
Micrium: www.micrium.com
µC/OS-II
Segger: www.segger.com
embOS
© STMicroelectronics - October 2007 - Printed in Italy - All rights reserved
The STMicroelectronics corporate logo is a registered trademark of the STMicroelectronics group of companies. All other names are the property of their respective owners.
Order code: BRSTM320807
7771;
34054689;
Development tools
A complete range of high-end and low-cost development
tools is available, including complete development
tool solutions, easy-to-use starter kits, and embedded
operating systems, all tailored to the STM32 ARM
Cortex-M3-based MCUs.
Evaluation board STM3210B-EVAL
Complete hardware evaluation
platform with the STM32F103,
implementing the full range of
device peripherals and features.
For more information, visit
www.st.com/stm32
Third-party development solutions
Choose from a full range of development solutions that
offer start-to-finish control of application development
from a single environment. Third-parties offer solutions
with a development environment, C/C++ compiler
and in-circuit emulator for the STM32 and other
ARM core-based devices.
Low-cost and application-specific starter kits
Using the STM32 Primer, play,
explore and develop applications
on a low-cost, innovative
development platform with the
Raisonance toolset, free demos
and an online community at
www.stm32circle.com, to stimulate creative embedded
designs. Evaluate STM32 performance in real time,
with the STM32-PerformanceStick, DashBoard device
performance evaluation GUI, sample applications and
unlimited Hitex software toolset.
For information about compatibility with other tools,
refer to the relevant third-party internet site.
Part number
Description
STM3210B-PRIMER
Raisonance STM32 Primer with RIDE (debug up to
32 Kbytes of code), GNU C/C++ compiler, and a fun,
stimulating learning and development platform with
MEMS-based controls and integrated RLink (USB/JTAG)
STM3210B-PFSTICK
STM32-PerformanceStick with integrated debugging/
programming via USB, unlimited Hitex HiTOP5 and
Tasking VX compiler and DashBoard GUI
STM3210B-SK/HIT
Hitex kit with unlimited HiTOP5, Tasking VX compiler,
STM32-PerformanceStick with integrated debugging/
programming via USB, extension I/O board with
peripheral evaluation features, DashBoard GUI
STM3210B-SK/IAR
IAR Embedded Workbench for ARM (for up to
32 Kbytes of code), IAR C/C++ compiler, J-Link
(USB/JTAG), evaluation board
STM3210B-SK/KEIL
Keil RealView MDK with uVision 3 (for up to 16 Kbytes
of code), ARM C/C++ compiler, ULINK (USB/JTAG),
evaluation board
STM3210B-SK/RAIS
Raisonance REva kit with RIDE (debug up to 32 Kbytes
of code), GNU C/C++ compiler, modular evaluation
hardware with integrated RLink (USB/JTAG)
STM3210B-MCKIT
ST motor control starter kit with complete sensor
and sensorless libraries, motor control GUI, evaluation
hardware platform for vector drive of three-phase PMSM
and induction motors, plus Segger J-Link debugger for
host PC interface



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com