Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F101R6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STM32F101R6
Description  Leading-edge architecture with Cortex-M3 core
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F101R6 Datasheet(HTML) 3 Page - STMicroelectronics

  STM32F101R6 Datasheet HTML 1Page - STMicroelectronics STM32F101R6 Datasheet HTML 2Page - STMicroelectronics STM32F101R6 Datasheet HTML 3Page - STMicroelectronics STM32F101R6 Datasheet HTML 4Page - STMicroelectronics STM32F101R6 Datasheet HTML 5Page - STMicroelectronics STM32F101R6 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image

Leading-edge architecture with
Cortex-M3 core
■
Harvard architecture
■
1.25 DMIPS/MHz and 0.19 mW/MHz
■
Thumb-2 instruction set brings 32-bit performance
with 16-bit code density
■
Single cycle multiply and hardware division
■
Embedded, fast interrupt controller is now inside the
core allowing:
■
Excellent real-time behaviour
■
Low latency down to six CPU cycles inter-interrupt
■
Six CPU cycles wake-up time from low-power mode
■
Up to 35% faster and up to 45% less code than
ARM7TDMI®
STM32 key benefits
Outstanding power efficiency
High performance does not mean high power
consumption. We have taken special care to address
three main energy requirements driven by the market:
■
High dynamic power efficiency in running mode
■
Extremely low power when the application is
in standby
■
Low-voltage capability for direct battery operation
In run mode, executing from Flash at full 72 MHz CPU
speed, the STM32 has a current consumption as low
as 27 mA.
Stop
Standby
RTC on
Standby
RTC off
RTC V
bat
V
dd: 3.3 V
µA typical
@ 25 °C
14 µA
3.4 µA
2 µA
1.4 µA
STM32F10x: Low power
In standby mode, current consumption is as low as
2 µA typical, with reset circuitry active. Finally, its 2.0 V
to 3.6 V power supply enables its use for battery
operated applications.
The STM32 has three different low power modes and
a versatile clocking scheme so that users can optimize
power consumption versus performance.
The STM32 also embeds a real-time clock (RTC) running
either from a 32 kHz quartz oscillator or an internal
RC. The RTC has a separate power domain, with an
embedded switchover to run either from a dedicated coin
cell battery or from the main supply. Its typical current
consumption is 1.4 µA at 3.3 V. It embeds 20 bytes for
data backup. Start-up time from low-power modes is
lower than 7 µs typical from stop mode, and 55 µs typical
from standby mode and reset.
Drysthone
rating
100
80
60
40
20
0
0
10
20
30
40
50
60
70
f
CPU (MHz)
Cortex-M3
(Thumb-2)
ARM7TDMI
(ARM)
ARM7TDMI
(Thumb)
IRQ1
ARM7
Interrupt handling
in assembler code
Cortex-M3
Interrupt handling
in HW
PUSH
POP
ISR 1
26-42
16
PUSH
POP
ISR 1
12
12
Cortex-M3 performance versus ARM7TDMI
Cortex-M3 interrupt versus ARM7TDMI
■
Low voltage 2.0 V to 3.6 V operation
■
27 mA in run mode from Flash at 72 MHz
■
Startup time from stop
< 7 µs
Startup time from standby
55 µs
■
Reset circuitry always active



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com