Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS150 Datasheet(PDF) 4 Page - ABB

Part # ACS150
Description  G et the best out of your basic applications. ACS150 drives.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ACS150 Datasheet(HTML) 4 Page - ABB

  ACS150 Datasheet HTML 1Page - ABB ACS150 Datasheet HTML 2Page - ABB ACS150 Datasheet HTML 3Page - ABB ACS150 Datasheet HTML 4Page - ABB ACS150 Datasheet HTML 5Page - ABB ACS150 Datasheet HTML 6Page - ABB ACS150 Datasheet HTML 7Page - ABB ACS150 Datasheet HTML 8Page - ABB ACS150 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
A B B M ICRO DR IVE S , AC S1 5 0, 0. 37 TO 4 K W/0. 5 TO 5 HP
Even your smallest motors can enjoy the daily
dependability, reliability and performance of our
drive technology. The ABB micro drives can be
conveniently tuned to your business needs with
precise speed control and simple integration. Add
compact efficiency, convenient global service and
expertise, and you have everything you need to
add big benefits to your small motors.
Take smooth performance to the next level with
the wide power range and functionality of
ACS150. Available in both single and three phase
supplies. The drives are easy to select and
provide a range of built-in features as standard
including PID control, brake chopper, fixed
keypad and speed control potentiometer. An
—
ABB micro drives, ACS150
Get the best out of your basic
applications
optional FlashDrop drive configuration tool
makes configuring unpowered drives quick and
easy.
The ABB micro drives meet the requirements of
OEMs, machinery builders and panel builders.
These drives are widely available through the ABB
distribution network.
Highlights
• Power range 0.37 to 4 kW/0.5 to 5 Hp
• IP20 enclosure
• Scalar control
• Integrated user interface and potentiometer
• Built-in brake chopper
• Built-in EMC filter for 2nd environment
Feature
Advantage
Benefit
Worldwide availability and service
Drives are available worldwide and permanently
stocked in four regions.
Dedicated global service and support network
that is one of the widest in the industry.
Fast and reliable delivery with dedicated support to
any country in the world.
User-friendly LCD control panel
and integrated potentiometer
Clear alphanumeric display. Easy setup and use.
Time savings due to quick setup and simple
configuration.
Flexible mounting alternatives
Screw or DIN rail mounting, sideways or
side-by-side.
One drive type can be used in various designs,
saving installation costs and time.
Integrated EMC filter
High electromagnetic compatibility.
Low EMC emissions in selected environments.
Built-in brake chopper as standard
No need for an external brake chopper.
Space savings, reduced installation cost.
FlashDrop tool
Faster and easier drive setup and commissioning
for volume manufacturing and maintenance. The
FlashDrop tool enables both downloading and
uploading drive parameters.
Fast, safe and trouble-free parameter setting
without the need to power-up the drive.
Patented.
PID control
Varies the drive’s performance according to the
need of the application.
Enhances production output, stability and accuracy.
Coated boards
Board coating protects the electronics from
hazards including static discharge and airborne
contaminates, including moisture.
Reduces maintenance due to good protection of
electronics components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com