Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS150 Datasheet(PDF) 6 Page - ABB

Part # ACS150
Description  G et the best out of your basic applications. ACS150 drives.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ACS150 Datasheet(HTML) 6 Page - ABB

Back Button ACS150 Datasheet HTML 2Page - ABB ACS150 Datasheet HTML 3Page - ABB ACS150 Datasheet HTML 4Page - ABB ACS150 Datasheet HTML 5Page - ABB ACS150 Datasheet HTML 6Page - ABB ACS150 Datasheet HTML 7Page - ABB ACS150 Datasheet HTML 8Page - ABB ACS150 Datasheet HTML 9Page - ABB ACS150 Datasheet HTML 10Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
A B B M ICRO DR IVE S , AC S1 5 0, 0. 37 TO 4 K W/0. 5 TO 5 HP
—
Ratings, types and dimensions
Type designation
In column 4 on the right is the unique reference
number that clearly indentifies your drive by
power rating and frame size. Once you have
selected the type designation, the frame size
(column 5) can be used to determine the drives
dimensions, shown below.
Voltages
ACS150 is available in two voltage ranges:
2 = 200 to 240 V
4 = 380 to 480 V
Insert either “2” or “4”, depending on your chosen
voltage, into the type designation shown on the
page 7.
Construction
“01X” and “03X” within the type designation
varies depending on the drive phase and EMC
filtering. Choose below the one you need.
01 = 1-phase
03 = 3-phase
E = EMC filter connected, 50 Hz frequency
U = EMC filter disconnected, 60 Hz frequency
(In case the filter is required it can easily
be connected.)
Cabinet-mounted drives (UL open)
IP20 UL open
Frame
size
H1
mm
H2
mm
H3
mm
W
mm
D
mm
Weight
kg
R0
169
202
239
70
142
1.1
R1
169
202
239
70
142
1.3
R2
169
202
239
105
142
1.5
H1 = Height without fastenings and clamping plate.
H2 = Height with fastenings but without clamping plate.
H3 = Height with fastenings and clamping plate.
W = Width
D = Depth
Wall-mounted drives (NEMA 1)
NEMA 1
Frame
size
H4
mm
H5
mm
W
mm
D
mm
Weight
kg
R0
257
280
70
142
1.5
R1
257
280
70
142
1.7
R2
257
282
105
142
1.9
H4 = Height with fastenings and NEMA 1 connection box.
H5 = Height with fastenings, NEMA 1 connection box and hood.
W = Width
D = Depth
H1 H2 H3
D
W
H4 H5
D
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com