Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS150 Datasheet(PDF) 10 Page - ABB

Part # ACS150
Description  G et the best out of your basic applications. ACS150 drives.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ACS150 Datasheet(HTML) 10 Page - ABB

Back Button ACS150 Datasheet HTML 6Page - ABB ACS150 Datasheet HTML 7Page - ABB ACS150 Datasheet HTML 8Page - ABB ACS150 Datasheet HTML 9Page - ABB ACS150 Datasheet HTML 10Page - ABB ACS150 Datasheet HTML 11Page - ABB ACS150 Datasheet HTML 12Page - ABB ACS150 Datasheet HTML 13Page - ABB ACS150 Datasheet HTML 14Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
A B B M ICRO DR IVE S , AC S1 5 0, 0. 37 TO 4 K W/0. 5 TO 5 HP
—
Cooling and fuses
Cooling
ACS150 is fitted with cooling fans as standard.
The cooling air must be free from corrosive
substances and must not be above the maximum
ambient temperature of 40 °C (50 °C with
derating). For more specific limits see the
Technical data - Environmental limits in this
catalog.
—
Free space requirements
Enclosure type
Space above
mm
Space below
mm
Space on left/right
mm
All frame sizes
75
75
0
—
Cooling air flow
Type designation
Frame
size
Heat dissipation
Air flow
[W] BTU/hr
m
3/h ft3/min
1-phase, 200 to 240 V
ACS150-01X-02A4-2
R0
25
85
-*
)
-*
)
ACS150-01X-04A7-2
R1
46
157
24
14
ACS150-01X-06A7-2
R1
71
242
24
14
ACS150-01X-07A5-2
R2
73
249
21
12
ACS150-01X-09A8-2
R2
96
328
21
12
3-phase, 200 to 240 V
ACS150-03X-02A4-2
R0
19
65
-*
)
-*
)
ACS150-03X-03A5-2
R0
31
106
-*
)
-*
)
ACS150-03X-04A7-2
R1
38
130
24
14
ACS150-03X-06A7-2
R1
60
205
24
14
ACS150-03X-07A5-2
R1
62
212
21
12
ACS150-03X-09A8-2
R2
83
283
21
12
3-phase, 380 to 480 V
ACS150-03X-01A2-4
R0
11
38
-*
)
-*
)
ACS150-03X-01A9-4
R0
16
55
-*
)
-*
)
ACS150-03X-02A4-4
R1
21
72
13
8
ACS150-03X-03A3-4
R1
31
106
13
8
ACS150-03X-04A1-4
R1
40
137
13
8
ACS150-03X-05A6-4
R1
61
208
19
11
ACS150-03X-07A3-4
R1
74
253
24
14
ACS150-03X-08A8-4
R1
94
321
24
14
X within the type code stands for E or U.
*) Frame size R0 with free convection cooling.
—
Selection table
Type designation
Frame
size
IEC fuses
UL fuses
[A]
Fuse
type*
)
[A]
Fuse
type*
)
1-phase, 200 to 240 V
ACS150-01X-02A4-2
R0
10
gG
10 UL class T
ACS150-01X-04A7-2
R1
16
gG
20 UL class T
ACS150-01X-06A7-2
R1
20
gG
25 UL class T
ACS150-01X-07A5-2
R2
25
gG
30 UL class T
ACS150-01X-09A8-2
R2
35
gG
35 UL class T
3-phase, 200 to 240 V
ACS150-03X-02A4-2
R0
10
gG
10 UL class T
ACS150-03X-03A5-2
R0
10
gG
10 UL class T
ACS150-03X-04A7-2
R1
10
gG
15 UL class T
ACS150-03X-06A7-2
R1
16
gG
15 UL class T
ACS150-03X-07A5-2
R1
16
gG
15 UL class T
ACS150-03X-09A8-2
R2
16
gG
20 UL class T
3-phase, 380 to 480 V
ACS150-03X-01A2-4
R0
10
gG
10 UL class T
ACS150-03X-01A9-4
R0
10
gG
10 UL class T
ACS150-03X-02A4-4
R1
10
gG
10 UL class T
ACS150-03X-03A3-4
R1
10
gG
10 UL class T
ACS150-03X-04A1-4
R1
16
gG
15 UL class T
ACS150-03X-05A6-4
R1
16
gG
15 UL class T
ACS150-03X-07A3-4
R1
16
gG
20 UL class T
ACS150-03X-08A8-4
R1
20
gG
25 UL class T
X within the type code stands for E or U.
*) According to IEC-60269 standard.
Fuses
Standard fuses can be used with ABB micro
drives. For input fuse connections see table
below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com