| Electronic Components Datasheet Search |
|
GCB-B Datasheet(PDF) 53 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
GCB-B Datasheet(HTML) 53 Page - Amphenol Corporation |
|
53 / 54 page ![]() 52 GCA-B – Buchsenkontakte / Socket contacts / Contacts femelles Buchsenkontakte GCA-B Socket contacts GCA-B Contacts femelles GCA-B Größe / Size / Taille – Größe / Size / Taille – 16S; 16; 12 4; 0 Kontaktgröße / Contact size / Taille de contact Anschließbarer Leiter / Applicable wire / Section admissible Teile-Nummer Part-Number Référence versilbert / silver plated / argenté AWG AWG mm2 vergoldet / gold plated / doré l2 ±0,1 l3 ±0,1 l4 ±0,1 l5 min. l6 min. l7 ±0,1 l8 ±0,1 16S GCA16SF GCA16SF-A176 18-16 0,75-1,50 15,10 3,90 5,50 6,60 10,0 3,30 - GCA16SF-001 GCA16SF-001-A176 26-22 0,14-0,38 GCA16SF-002 GCA16SF-002-A176 22-20 0,30-0,60 16 GCA16F GCA16F-A176 18-16 0,75-1,50 22,40 3,18 5,50 6,60 16,1 0,80 - GCA16F-001 GCA16F-001-A176 26-22 0,14-0,38 GCA16F-002 GCA16F-002-A176 22-20 0,30-0,60 12 GCA12F GCA12F-A176 14-12 2,00-3,00 20,04 6,22 5,55 6,35 17,6 0,80 - GCA12F-001 GCA12F-001-A176 18-16 0,75-1,50 8 GCA8F GCA8F-A176 8 - 20,04 6,22 11,0 12,70 17,6 1,50 4,50 GCA8F-001 GCA8F-001-A176 10 6,0 GCA8F-002 GCA8F-002-A176 - 10 GCA8F-003 GCA8F-003-A176 14-12 2,00-3,00 4 GCA4F GCA4F-A176 4 - 20,50 5,70 11,0 15,00 15,0 0,85 5,60 GCA4F-001 GCA4F-001-A176 - 16 GCA4F-002 GCA4F-002-A176 6 - 0 GCA0F GCA0F-A176 0 - 24,20 5,70 12,3 15,90 21,2 0,80 2,40 GCA0F-001 GCA0F-001-A176 - 50 GCA0F-002 GCA0F-002-A176 4 25 GCA0F-003 GCA0F-003-A176 2 35 Kontaktgröße / Contact size / Taille de contact Anschließbarer Leiter / Applicable wire / Section admissible Teile-Nummer Part-Number Référence versilbert / silver plated / argenté AWG AWG mm2 vergoldet / gold plated / doré d1 d2 d3 d4 d5 d6 ±0,05 l1 ±0,2 16S GCA16SF GCA16SF-A176 18-16 0,75-1,50 1,72 ±0,03 2,65 –0,05 3,18 ±0,03 2,08 ±0,03 3,18 ±0,03 1,73 29,1 GCA16SF-001 GCA16SF-001-A176 26-22 0,14-0,38 0,90 +0,05 GCA16SF-002 GCA16SF-002-A176 22-20 0,30-0,60 1,20 +0,10 16 GCA16F GCA16F-A176 18-16 0,75-1,50 1,72 ±0,03 2,65 –0,05 3,18 ±0,03 2,08 ±0,03 3,18 ±0,03 1,73 34,1 GCA16F-001 GCA16F-001-A176 26-22 0,14-0,38 0,90 +0,05 GCA16F-002 GCA16F-002-A176 22-20 0,30-0,60 1,20 +0,10 12 GCA12F GCA12F-A176 14-12 2,00-3,00 2,50 +0,10 3,96 –0,10 4,78 ±0,08 3,10 ±0,03 4,32 ±0,05 2,51 36,9 GCA12F-001 GCA12F-001-A176 18-16 0,75-1,50 1,75 +0,08 8 GCA8F GCA8F-A176 8 - 5,20 +0,10 6,40 ±0,10 7,95 ±0,05 6,10 ±0,05 7,95 ±0,05 3,75 36,9 GCA8F-001 GCA8F-001-A176 10 6,0 3,50 +0,10 GCA8F-002 GCA8F-002-A176 - 10 4,80 +0,10 GCA8F-003 GCA8F-003-A176 14-12 2,00-3,00 2,50 +0,10 4 GCA4F GCA4F-A176 4 - 7,10 +0,15 9,50 –0,10 11,15 ±0,05 9,65 ±0,05 8,80 ±0,05 5,40 39,75 GCA4F-001 GCA4F-001-A176 - 16 6,20 +0,15 GCA4F-002 GCA4F-002-A176 6 - 5,70 +0,10 0 GCA0F GCA0F-A176 0 - 11,50 +0,15 14,35 –0,10 15,00 ±0,08 13,49 ±0,08 15,00 +0,08 9,20 44,45 GCA0F-001 GCA0F-001-A176 - 50 10,70 +0,15 GCA0F-002 GCA0F-002-A176 4 25 7,60 +0,15 GCA0F-003 GCA0F-003-A176 2 35 9,10 +0,15 Größe / Size / Taille – 8 0298_ailb_kat.neu.411 04.03.2005 14:22 Uhr Seite 52 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |