Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSED-2R Datasheet(PDF) 27 Page - IDEC Corporation

Part # LSED-2R
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-2R Datasheet(HTML) 27 Page - IDEC Corporation

Back Button LSED-2R Datasheet HTML 23Page - IDEC Corporation LSED-2R Datasheet HTML 24Page - IDEC Corporation LSED-2R Datasheet HTML 25Page - IDEC Corporation LSED-2R Datasheet HTML 26Page - IDEC Corporation LSED-2R Datasheet HTML 27Page - IDEC Corporation LSED-2R Datasheet HTML 28Page - IDEC Corporation LSED-2R Datasheet HTML 29Page - IDEC Corporation LSED-2R Datasheet HTML 30Page - IDEC Corporation LSED-2R Datasheet HTML 31Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
27
Accessories
Description & Shape
Material
Part No.
Ordering No.
Package
Quantity
Remarks
Ring Wrench
Metal
(nickel-plated
brass)
(weight:
approx. 150g)
MW9Z-T1
MW9Z-T1
1
• Used to tighten the locking ring when installing
the XW emergency stop switch onto a panel.
ø28
110
Anti-rotation Ring
Ring:
Polyamide
Gasket:
Nitryl rubber
HW9Z-RL
HW9Z-RLPN10
10
• The anti-rotation ring is used for preventing the
operator from turning.
Terminal Cover
PBT
XA9Z-VL2
XA9Z-VL2PN02
2
• White
• Used for solder terminals.
Terminal Cover
PPE
XW9Z-VL2M XW9Z-VL2MPN02
2
• Black
• Used for screw terminals.
• Attached to IP20 protection cover units.
IP20 Protection Cover
Polyamide
XW9Z-VL2MF XW9Z-VL2MFPN02
2
• Black
• Used on terminals for IP20 finger protection.
• Only solid wires can be used.
• The IP20 protection cover cannot be removed
once installed.
Ring Adapter
Rubber on
metal base
XW9Z-A30E XW9Z-A30EPN02
2
• Yellow panel surface
• Used for installing XW1E emergency stop
switches in ø30mm mounting hole.
• Can be used for XW1E emergency stop switch-
es only.
• IP65 protection.
• Cannot be used with nameplates. Panel thick-
ness when mounted: 0.8 to 3.0 mm
• Panel Mounting
Notes:
• XW emergency stop switches of screw terminal are provided with a terminal cover.
• All dimensions in mm.
TOP
ø22
ø29
1.5
Adapter Gasket
Adaper Washer ∗ (∗: A or B)
Note 1: Adapter washer thickness (t)
A = 1.2 mm
B = 0.8 mm
Operator
XW1E
Gasket
Adapter Washer A
Adapter
Washer B
Locking
Ring
Adapter Gasket
Panel
Note 2:
The recess is for preventing
rotation and is not necessary
for this product.
Panel Cut-out
ø22.
3
ø5
3
(Note 2)
0
+0.5
0
+0.2
4.8
R0.8
max.
ø30.5
(color: yellow)
Adapter Gasket
Adaper Washer ∗ (∗: A or B)
Note 1: Adapter washer thickness (t)
A = 1.2 mm
B = 0.8 mm
Operator
XW1E
Gasket
Adapter Washer A
Adapter
Washer B
Locking
Ring
Adapter Gasket
Panel
Note 2:
The recess is for preventing
rotation and is not necessary
for this product.
Panel Cut-out
ø22.
3
ø5
3
(Note 2)
0
+0.5
0
+0.2
4.8
R0.8
max.
ø30.5
(color: yellow)
XW Series Emergency Stop Switches ø22
XW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com