Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSED-2R Datasheet(PDF) 56 Page - IDEC Corporation

Part # LSED-2R
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-2R Datasheet(HTML) 56 Page - IDEC Corporation

Back Button LSED-2R Datasheet HTML 52Page - IDEC Corporation LSED-2R Datasheet HTML 53Page - IDEC Corporation LSED-2R Datasheet HTML 54Page - IDEC Corporation LSED-2R Datasheet HTML 55Page - IDEC Corporation LSED-2R Datasheet HTML 56Page - IDEC Corporation LSED-2R Datasheet HTML 57Page - IDEC Corporation LSED-2R Datasheet HTML 58Page - IDEC Corporation LSED-2R Datasheet HTML 59Page - IDEC Corporation LSED-2R Datasheet HTML 60Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
56
Dimensions
Panel Cut-Out
HN1E-LV4
Accessories
Shape
Material
Part No.
Package
Quantity
Remarks
Ring Wrench
Metal
TWST-T1
1
Used for tightening the locking nut.
Tighten the locking nut to a torque
of 2.0 to 2.5 N·m.
Ring Wrench
Brass
XN9Z-T1
1
• Used to tighten the locking ring when installing the XN emergen-
cy stop switch onto a panel.
Nameplates (for ø30 Emergency Stop Switches)
Shape
Part No.
Legend
Package
Quantity
Remarks
HNAV-0
(blank)
1
1.0
1.5
ø60
ø30
Background: Yellow
Legend:
Black
Applicable panel thickness:
0.8 to 4.5 mm
Material:
Polyamide
Legend “EMERGENCY STOP” is
indicated outside a ø44mm circle.
HNAV-27 EMERGENCY
STOP
Terminal Arrangement
(Bottom View)
TOP Marking Side
Locking Ring
63
61
23.5
32
ø40
M3.5 Terminal
Screw
Gasket
0.5
Panel Thickness 0.8 to 6
22 (NC)
21 (NC)
13 (NO)
14 (NO)
R0.8
max.
0
+0.2
4.8
0
+0.5
ø30.5
HN1E-BV4
LAMP
X1
X2
0.5
63
61
23.5
32
M3.5 Terminal
Screw
M3.5 Terminal
Screw
Gasket
Panel Thickness 0.8 to 6
ø40
Locking Ring
Lamp Terminal
Terminal Arrangement
(Bottom View)
TOP Marking Side
22 (NC)
21 (NC)
13 (NO)
14 (NO)
All dimensions in mm.
23.777
90
ø3
8
ø30 HN Series Emergency Stop Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com