Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSED-2R Datasheet(PDF) 54 Page - IDEC Corporation

Part # LSED-2R
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LSED-2R Datasheet(HTML) 54 Page - IDEC Corporation

Back Button LSED-2R Datasheet HTML 50Page - IDEC Corporation LSED-2R Datasheet HTML 51Page - IDEC Corporation LSED-2R Datasheet HTML 52Page - IDEC Corporation LSED-2R Datasheet HTML 53Page - IDEC Corporation LSED-2R Datasheet HTML 54Page - IDEC Corporation LSED-2R Datasheet HTML 55Page - IDEC Corporation LSED-2R Datasheet HTML 56Page - IDEC Corporation LSED-2R Datasheet HTML 57Page - IDEC Corporation LSED-2R Datasheet HTML 58Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
54
Operating Instructions
Removing the Contact Block
First unlock the operator button.
Grab the yellow bayonet ring ➀
and pull back the bayonet ring until
the latch pin clicks ➁, then turn
the contact block counterclockwise
and pull out ➂.
Notes for removing the contact block
1. Do not attempt to remove the contact block while
the operator is latched, otherwise the switch may be
damaged.
2. When the contact block is removed, the monitor contact
(NO contact) is closed.
3. While removing the contact block, do not use excessive
force, otherwise the switch may be damaged.
4. An LED lamp is built into the contact block for illuminated
pushbuttons. When removing the contact block, pull the
contact block straight to prevent damage to the LED
lamp. If excessive force is used, the LED lamp may be
damaged and fail to light.
Panel Mounting
Remove the locking ring from
Rubber Gasket
Operator without
thread
TOP Marking
Anti-rotation
Projection
Locking Ring
the operator and check that
the rubber gasket is in place.
Insert the operator from panel
front into the panel hole. Face
the side without thread on the
operator with TOP marking
upward, and tighten the locking ring using ring wrench
XN9Z-T1 or TWST-T1 to a torque of 2.5 N·m maximum.
When using a nameplate
When using a nameplate HNAV-, break
the projection from the nameplate using pliers.
Installing the Contact Block
First unlock the operator button.
Align the small ▼ marking on
the edge of the operator with
the small ▲ marking on the
yellow bayonet ring. Hold the
contact block, not the bayonet
ring. Press the contact block
onto the operator and turn the
contact block clockwise until the
bayonet ring clicks.
Notes for installing the contact block
1. Do not attempt to install the contact block when the
operator is latched, otherwise the switch may be
damaged.
2. Make sure that the bayonet ring is in the locked position.
Installing & Removing Terminal Covers
XW9Z-VL2M
To install the terminal cover,
align the TOP marking on
the terminal cover with the
TOP marking on the contact
block. Place the two projec-
tions on the bottom side of
the contact block into the slots
in the terminal cover. Press
the terminal cover toward the
contact block.
To remove the terminal cover,
pull out the two latches on the
top side of the terminal cover.
Do not exert excessive force to
the latches, otherwise the
latches may break.
IP20 Fingersafe Terminal
Cover XW9Z-VL2MF
To install the IP20 fingersafe terminal
cover, align the TOP marking on the
cover with the TOP marking on the
contact block, and press the cover
toward the contact block.
Notes:
1. Once installed, the XW9Z-VL2MF
cannot be removed.
2. With the XW9Z-VL2MF installed, crimping terminals cannot be
used. Use solid wires.
3. The XW9Z-VL2MF cannot be installed after wiring.
4. Make sure that the XW9Z-VL2MF is securely installed. IP20
cannot be achieved when installed loosely, and electric shocks
may occur.
Notes for Operation
When using the XN emergency stop switches in safety-
related part of a control system, observe safety standards
and regulations of the relevant country or region. Also be
sure to perform a risk assessment before operation.
Wiring
Tighten the M3 terminal screws to a torque of 0.6 to 1.0 N·m.
Contact Bounce
When the button is reset by pulling or turning, the NC main
contacts will bounce. When pressing the button, the NO
monitor contacts will bounce.
When designing a control circuit, take the contact bounce
time into consideration (reference value: 20 ms).
LED Illuminated Switches
An LED lamp is built into the contact block and cannot be
replaced.
Handling
Do not expose the switch to excessive shocks and vibra-
tions, for example by operating the switch with tools. Other-
wise the switch may be deformed or damaged, causing
malfunction or operation failure.
ø30 XN Series Emergency Stop Switches
Place the projections
on the contact block.
TOP Markings
Press the
terminal cover
Projections
Slots
(Pull)
TOP Marking
TOP Marking
Projections
(Press)
TOP Marking
TOP Marking
▲
Marking
▼
Marking
Push
TOP Marking
Turn clockwise
Projection
Grab
Grab
Latch
Bayonet Ring (yellow)
Pull
Turn counterclockwise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com