Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-T8 Datasheet(PDF) 12 Page - IDEC Corporation

Part # LS-T8
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8 Datasheet(HTML) 12 Page - IDEC Corporation

Back Button LS-T8 Datasheet HTML 8Page - IDEC Corporation LS-T8 Datasheet HTML 9Page - IDEC Corporation LS-T8 Datasheet HTML 10Page - IDEC Corporation LS-T8 Datasheet HTML 11Page - IDEC Corporation LS-T8 Datasheet HTML 12Page - IDEC Corporation LS-T8 Datasheet HTML 13Page - IDEC Corporation LS-T8 Datasheet HTML 14Page - IDEC Corporation LS-T8 Datasheet HTML 15Page - IDEC Corporation LS-T8 Datasheet HTML 16Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
12
ø16 X6 Series Emergency Stop Switches (Unibody)
Instructions
Panel Mounting
Remove the locking ring from the operator and check that
the rubber gasket is in place. Insert the operator from panel
front into the panel hole. Face the side with the projection
upward, and tighten the locking ring using the locking ring
wrench MT-001.
Projection
Rubber Gasket
Locking Ring
Operator
Notes for Panel Mounting
Using the locking ring wrench MT-001, tighten the locking
ring to a torque of 0.88 N·m. Do not use pliers. Do not apply
excessive force, otherwise the locking ring will become
damaged.
Wiring
1. Applicable wire size is 1.25 mm2 maximum.
2. Solder the terminals using a soldering iron at 310 to 350°C
for 3 seconds maximum. Do not use flow or dip soldering.
SnAgCu type lead-free solder is recommended. Make
sure that the soldering iron touches the terminals only, not
plastic parts. Do not apply external force such as bending
the terminals or applying tensile force on the wires.
3. Use a non-corrosive rosin flux. To prevent the flux from
entering the switch while soldering, face the terminals
downward.
4. Because the terminal spacing is narrow, use protective
tubes or heat shrinkable tubes to avoid burning the wire
sheath or short circuit.
5. Apply force on the terminals in the vertical direction to the
panel only, otherwise the terminals will be damaged.
Contact Bounce
When the button is reset by pulling or turning, the NC
contacts will bounce. When designing a control circuit, take
the contact bounce time into consideration (reference value:
20 ms).
Handling
Do not expose the switch to excessive shock and vibrations,
otherwise the switch may be deformed or damaged, causing
malfunction or operation failure.
• Turn off power to the X6 series units before installation, removal,
wiring, maintenance, and inspection. Failure to turn power off
may cause electrical shocks or fire hazard.
• For wiring, use wires of proper size to meet the voltage
and current requirements and solder properly. Improper
soldering may cause overheating and create fire hazards.
Correct
Incorrect
Safety Precautions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com