Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-T8 Datasheet(PDF) 52 Page - IDEC Corporation

Part # LS-T8
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8 Datasheet(HTML) 52 Page - IDEC Corporation

Back Button LS-T8 Datasheet HTML 48Page - IDEC Corporation LS-T8 Datasheet HTML 49Page - IDEC Corporation LS-T8 Datasheet HTML 50Page - IDEC Corporation LS-T8 Datasheet HTML 51Page - IDEC Corporation LS-T8 Datasheet HTML 52Page - IDEC Corporation LS-T8 Datasheet HTML 53Page - IDEC Corporation LS-T8 Datasheet HTML 54Page - IDEC Corporation LS-T8 Datasheet HTML 55Page - IDEC Corporation LS-T8 Datasheet HTML 56Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
52
Dimensions
Mounting Hole Layout
LED Unit Internal Circuit
Terminal Arrangement (Bottom View)
61.4
59.9
43
4.8
+0.2
0
R0.8
max.
ø30.5
+0.5
0
Panel Cut-out
Rubber Gasket
Locking Ring
M3 Terminal Screws
IP20 Cover
XW9Z-VL2MF
Panel Thickness 1 to 6
Panel Thickness 1 to 6
IP20 Cover
XW9Z-VL2MF
4.8
+0.2
0
R0.8
max.
ø30.
5 +0.5
0
Panel Cut-out
61.4
59.9
43
Rubber Gasket
Locking Ring
M3 Terminal Screws
Push-ON
Illuminated
61.4
59.9
43
4.8
+0.2
0
R0.
8 max.
ø30.
5 +0.5
0
Panel Cut-out
Panel Thickness 1 to 6
Terminal Cover
XW9Z-VL2M
Rubber Gasket
Locking Ring
M3 Terminal Screws
Push-ON
Illuminated
Non-illuminated
Illuminated/Push-ON
Padlockable
IP20 Fingersafe
w/Terminal Cover
w/Terminal Cover
IP20 Fingersafe
61.4
43
4.8
+0.2
0
R0.8
max.
ø30.
5 +0.5
0
Panel Cut-out
Rubber Gasket
Locking Ring
M3 Terminal Screws
Panel Thickness 1 to 6
Terminal Cover
XW9Z-VL2M
ø30.5
+0.5
0
X
Y
X1
X2
R
LED
LED chip
Protection Diode
Resistor
X
Y
Plastic Bezel
70 mm minimum
Flush Bezel
• The values shown above are the minimum dimen-
sions for mounting with other ø30 mm pushbuttons.
For other control units of different sizes and styles,
determine the values according to the dimensions,
operation, and wiring convenience.
• For padlockable, determine the values according to
the size and number of padlocks and hasp.
TOP
Left
Right
TOP
Left
Right
TOP
Left
Right
∗1
∗2
∗1
∗2
∗4
∗3
∗3
∗4
∗4
∗3
∗2
∗1
TOP
X2
LED
X1
Left
Right
TOP
X2
LED
X1
Left
Right
TOP
X1
LED
X2
Left
Right
∗1
∗2
∗4
∗3
∗3
∗4
∗4
∗3
∗1
∗2
∗2
∗1
LED
TOP
X1 X2
Left
Right
∗1
∗2
LED
TOP
X1 X2
Left
Right
∗3
∗4
• Contact
• Contact Number (1-4)
TOP
(Example: 1NO-3NC contact)
Left
Right
11
12
34
33
1-2: NC main contact (black)
3-4: NO monitor contact (blue)
Starting with the contact
of TOP side, in a counter-
clockwise direction.
ø3.2 min.
Wire
Insulation Tube
Crimping
Terminal
• Be sure to install an insulating tube on the crimping terminal.
Only solid wire can be
used for IP20.
Applicable Crimping Terminal
Ring Terminal
Spade Terminal
Solid Wire
4.7 to 5.9
4.7min.
6.2 max.
3.0 max.
4.7 to 5.9
4.7 to 5.9
Crimping Terminal
Insulation Tube
Wire
With 1NO monitor
contact
NC main contacts only
1NC: Terminals on right
2NC: Terminals on right
and left
3NC: Terminals on right,
left, and top
1NC: Terminals on top
2NC: Terminals on right
and left
Non-illuminated
Illuminated
With 2NO monitor
contacts
With 1NO monitor
contact
NC main contacts only
With 2NO monitor
contacts
1NC: Terminals on right
2NC: Terminals on right
and left
3NC: Terminals on right,
left, and top
1NC: Terminals on top
2NC: Terminals on right
and left
Push-ON
With 1NO monitor
contact
NC main contacts only
2NC: Terminals on right
and left
3NC: Terminals on right,
left, and top
All dimensions in mm.
ø30 XN Series Emergency Stop Switches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com