Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-T8 Datasheet(PDF) 58 Page - IDEC Corporation

Part # LS-T8
Description  Emergency Stop Switches
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

LS-T8 Datasheet(HTML) 58 Page - IDEC Corporation

Back Button LS-T8 Datasheet HTML 54Page - IDEC Corporation LS-T8 Datasheet HTML 55Page - IDEC Corporation LS-T8 Datasheet HTML 56Page - IDEC Corporation LS-T8 Datasheet HTML 57Page - IDEC Corporation LS-T8 Datasheet HTML 58Page - IDEC Corporation LS-T8 Datasheet HTML 59Page - IDEC Corporation LS-T8 Datasheet HTML 60Page - IDEC Corporation LS-T8 Datasheet HTML 61Page - IDEC Corporation LS-T8 Datasheet HTML 62Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
58
Dimensions
ø16mm XA Series EMO Switches
Panel Cut-out
ø40
0
+0.2
1.7
0
+0.2
ø16.
2
2.1
25.8
30.4
20.6
Rubber Gasket
Locking Ring
Terminal Cover
XA9Z-VL2
Panel Thickness 0.5 to 3.7
Solder Terminal
ø22mm HW Series EMO Switches
ø22mm XW Series EMO Switches
Panel Cut-out
XW9Z-VL2M
Terminal Cover
Locking Ring
20.1
18.5
48.7
47.2
0.5
0
+0
.4
ø2
2.3
R0.8
max.
0
+0.2
3.2
32.2
Panel Thickness 0.8 to 6
20.1
18.5
XW9Z-VL2MF
Terminal Cover
Locking Ring
Panel Thickness 0.8 to 6
Rubber Gasket
M3 Terminal Screw
Rubber Gasket
M3 Terminal Screw
48.7
47.2
32.2
Panel Cut-out
0
+0.
4
ø22.3
R0.8
max.
0
+0.2
3.2
0.5
All dimensions in mm.
13
49.4 (1 or 2 blocks)
69.4 (4 blocks)
32
Locking Ring
29.4
Lock Lever
40
LOCK
1 contact block 2 contact blocks
4 contact blocks
SEMI Emergency Off (EMO) Switches
ø16mm XA Series EMO Switches (Solder Terminal) (Pushlock Turn Reset Switch)
Package Quantity: 1
Shape
NC Main Contact
NO Monitor Contact
Part No.
ø40mm Mushroom
1NC
XA1E-BV401RH-EMO
2NC
XA1E-BV402RH-EMO
3NC
XA1E-BV403RH-EMO
4NC
XA1E-BV404RH-EMO
1NC
1NO
XA1E-BV411RH-EMO
2NC
1NO
XA1E-BV412RH-EMO
3NC
1NO
XA1E-BV413RH-EMO
• Button color is bright red (RH).
• For detailed specifications and instructions, see page 15.
ø22mm XW Series EMO Switch (Pushlock Turn Reset Switch)
Package Quantity: 1
Shape
NC Main
Contact
NO Monitor
Contact
Part No.
IP20 Fingersafe Terminal
w/Terminal Cover
ø40mm Mushroom
1NC
XW1E-BV401MFRH-EMO
XW1E-BV401MRH-EMO
2NC
XW1E-BV402MFRH-EMO
XW1E-BV402MRH-EMO
3NC
XW1E-BV403MFRH-EMO
XW1E-BV403MRH-EMO
4NC
XW1E-BV404MFRH-EMO
XW1E-BV404MRH-EMO
1NC
1NO
XW1E-BV411MFRH-EMO
XW1E-BV411MRH-EMO
2NC
1NO
XW1E-BV412MFRH-EMO
XW1E-BV412MRH-EMO
3NC
1NO
XW1E-BV413MFRH-EMO
XW1E-BV413MRH-EMO
2NC
2NO
XW1E-BV422MFRH-EMO
XW1E-BV422MRH-EMO
• Button color is bright red (RH).
• For detailed specifications and instructions, see page 21.
ø22mm HW Series EMO Switches (Screw Terminal) (Pushlock Turn Reset Switch)
Package Quantity: 1
Shape
Contact Arrangement
Part No.
Button Color
ø40mm Mushroom
1NC
HW1B-V401R-EMO
Red only
1NO-1NC
HW1B-V411R-EMO
2NC
HW1B-V402R-EMO
2NO-2NC
HW1B-V422R-EMO
• For detailed specifications and instructions, see page 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com