Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 31 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 31 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 27Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 28Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 29Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 30Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 31Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 32Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 33Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 34Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 35Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 31 of 37
Company Confidential
Table 18. FLAG Register
ADDRESS
MODE
RESET VALUE: 0x00
0x0F
R
BIT
NAME
POR
DESCRIPTION
7
LED_SHORT
0
0 = Normal operation
1 = LED short protection trigged.
6
TSD
0
0 = Normal operation
1 = Thermal shutdown triggered (die temperature > 150°C)
5
RSVD
0
4
RSVD
0
3
OUTP_SHORT
0
0 = Normal operation
1 = OUTP output has hit the overcurrent threshold
2
OUTN_SHORT
0
0 = Normal operation
1 = OUTN > 0.9 × VOUTN_target
1
BL_OVP
0
0 = Normal operation
1 = Backlight boost output > OVP threshold
0
BL_OCP
0
0 = Normal operation
1 = Backlight boost switch current > OCP threshold
Note:
1.
TSD is real-time results.
2.
LED_SHORT, OUTP_SHORT, OUTN_SHORT, BL_OVP and BL_OCP are latched results; OUTP_SHORT, OUTN_SHORT, BL_OVP and BL_OCP can
be reset by reading back 0x0F.
3.
All the status bits can be reset by VIN power on reset, software reset or toggling HWEN.
Table 19. BL_OPTION1 Register
ADDRESS
MODE
RESET VALUE: 0x80
0x10
R/W
BIT
NAME
POR
DESCRIPTION
7
LED_SHORT_MODE
1
0 = Will keep all strings on.
1 = Will turn off the fault string while keep health strings keep
on. (Default)
6
LED6_FB_DISABLE
0
0 = Feedback enabled (Default)
1 = Feedback disabled
5
LED5_FB_DISABLE
0
0 = Feedback enabled (Default)
1 = Feedback disabled
4
LED4_FB_DISABLE
0
0 = Feedback enabled (Default)
1 = Feedback disabled
3
LED3_FB_DISABLE
0
0 = Feedback enabled (Default)
1 = Feedback disabled
2
LED2_FB_DISABLE
0
0 = Feedback enabled (Default)
1 = Feedback disabled
1
LED1_FB_DISABLE
0
0 = Feedback enabled (Default)
1 = Feedback disabled
0
RSVD
0
Note: If all LED1~LED6 disabled, Boost stops switching.
Table 20. BL_OPTION2 Register
ADDRESS
MODE
RESET VALUE: 0x77
0x11
R/W
BIT
NAME
POR
DESCRIPTION
7:6
BL_L_SELECT
01
00 =
4.7μH
01 = 6.8
μH (Default)
10 = 10
μH
11 = 10
μH
5:4
RSVD
11
3:2
RSVD
01
1:0
BL_CURRENT_LIMIT
11
00 = 1.2A
01 = 1.6A
10 = 2.0A
11 = 2.5A (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com