Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 26 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 26 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 22Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 23Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 24Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 25Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 26Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 27Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 28Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 29Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 30Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 26 of 37
Company Confidential
I2C Register Map
Table 5 summarizes KTZ8866
’s 21 I2C registers, their read/write settings and default values. They can be reset
to default values by VIN power on reset, toggling HWEN or I2C software reset.
Table 5. I2C Register Map
Register Name
Address (Hex)
R/W
Default Value
Device ID
0x01
R
00100xxx
BL_CFG1
0x02
R/W
0xFA
BL_CFG2
0x03
R/W
0x8D
BL_BRT_LSB
0x04
R/W
0x07
BL_BRT_MSB
0x05
R/W
0xFF
BL_EN
0x08
R/W
0x3F
LCD_BIAS_CFG1
0x09
R/W
0x18
LCD_BIAS_CFG2
0x0A
R
0x11
LCD_BIAS_CFG3
0x0B
R/W
0x00
LCD_BOOST_CFG
0x0C
R/W
0x28
OUTP_CFG
0x0D
R/W
0x1E
OUTN_CFG
0x0E
R/W
0x1C
FLAG
0x0F
R
0x00
BL_OPTION1
0x10
R/W
0x80
BL_OPTION2
0x11
R/W
0x77
PWM2DIG_LSBs
0x12
R
0x00
PWM2DIG_MSBs
0x13
R
0x00
TURN_ON/OFF_RAMP
0x14
R/W
0x44
PWM_UP/DOWN_RAMP and IFS
0x15
R/W
0xF8
Table 6. Device ID Register
ADDRESS
MODE
0x01
R
BIT
NAME
POR
DESCRIPTION
7:6
RSVD
00
Reserved
5:3
Device ID
100
Device ID
2:0
RSVD
xxx
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com