Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECS-MPI4040R4-6R8-R Datasheet(PDF) 14 Page - Kinetic Technologies.

Part # ECS-MPI4040R4-6R8-R
Description  High Efficiency 6-CH LED Backlight Driver with Dual LCD Bias Power
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINETIC [Kinetic Technologies.]
Direct Link  https://www.kinet-ic.com/
Logo KINETIC - Kinetic Technologies.

ECS-MPI4040R4-6R8-R Datasheet(HTML) 14 Page - Kinetic Technologies.

Back Button ECS-MPI4040R4-6R8-R Datasheet HTML 10Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 11Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 12Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 13Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 14Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 15Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 16Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 17Page - Kinetic Technologies. ECS-MPI4040R4-6R8-R Datasheet HTML 18Page - Kinetic Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
t
KTZ8866
January 2022 - Revision 04b
Page 14 of 37
Company Confidential
Typical Characteristics (continued)
LCD Bias
VIN = 3.6V, L = 2.2µH (TOKO DFE201612P-2R2M=P2), CIN = CREG = CPOS = CNEG = 10µF, CFLY = 4.7µF, IOUTP =
-IOUTN = 100mA, TA = 25°C, unless otherwise specified. Default setting VOUTP /VOUTN = ±5.5V, VREG = 5.8V.
50
55
60
65
70
75
80
85
90
0
20
40
60
80
100 120 140 160 180 200
Ioutp/Ioutn (mA)
Efficiency vs. Output Current
VIN = 3.6V
VIN = 4.2V
0.5
0.6
0.7
0.8
0.9
1.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
ENP/ENN Logic Threshold Voltage
Vth-H
Vth-L
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
OUTP Line Regulation
Normalized to 3.6V
IOUTP = 100mA
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
OUTN Line Regulation
Normalized to 3.6V
IOUTN = 100mA
5.38
5.40
5.42
5.44
5.46
5.48
5.50
5.52
5.54
5.56
5.58
0
20
40
60
80
100 120 140 160 180 200
I_OUTP (mA)
OUTP Load Regulation
VIN = 3.6V
-5.58
-5.56
-5.54
-5.52
-5.50
-5.48
-5.46
-5.44
-5.42
-5.40
-5.38
0
20
40
60
80
100 120 140 160 180 200
I_OUTN (mA)
OUTN Load Regulation
VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com